Electronic Components Datasheet Search
  English  ▼

X  

CS3845GD14 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS3845GD14
Description  Current Mode PWM Control Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845GD14 Datasheet(HTML) 4 Page - ON Semiconductor

  CS3845GD14 Datasheet HTML 1Page - ON Semiconductor CS3845GD14 Datasheet HTML 2Page - ON Semiconductor CS3845GD14 Datasheet HTML 3Page - ON Semiconductor CS3845GD14 Datasheet HTML 4Page - ON Semiconductor CS3845GD14 Datasheet HTML 5Page - ON Semiconductor CS3845GD14 Datasheet HTML 6Page - ON Semiconductor CS3845GD14 Datasheet HTML 7Page - ON Semiconductor CS3845GD14 Datasheet HTML 8Page - ON Semiconductor CS3845GD14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS2844, CS3844, CS2845, CS3845
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (–25
° ≤ TA ≤ 85° for CS2844/2845, 0° ≤ TA ≤ 70° for CS3844/CS3845.
VCC = 15 V*; RT = 10 kΩ, CT = 3.3 nF for sawtooth mode; unless otherwise stated.)
CS2842A/CS2843A
CS3842A/CS3843A
Characteristic
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Error Amp Section
Input Voltage
VCOMP = 2.5 V
2.45
2.50
2.55
2.42
2.50
2.58
V
Input Bias Current
VFB = 0
–
–0.3
–1.0
–
–0.3
–2.0
µA
AVOL
2.0
≤ VOUT ≤ 4.0 V
65
90
–
65
90
–
dB
Unity Gain Bandwidth
Note 4.
0.7
1.0
–
0.7
1.0
–
MHz
PSRR
12
≤ VCC ≤ 25 V
60
70
–
60
70
–
dB
Output Sink Current
VFB = 2.7 V, VCOMP = 1.1 V
2.0
6.0
–
2.0
6.0
–
mA
Output Source Current
VFB = 2.3 V, VCOMP = 5.0 V
–0.5
–0.8
–
–0.5
–0.8
–
mA
VOUT High
VFB = 2.3 V, RL = 15 kΩ to GND
5.0
6.0
–
5.0
6.0
–
V
VOUT Low
VFB = 2.7 V, RL = 15 kΩ to VREF
–
0.7
1.1
–
0.7
1.1
V
Current Sense Section
Gain
Notes 5 & 6.
2.85
3.00
3.15
2.85
3.00
3.15
V/V
Maximum Input Signal
VCOMP = 5.0 V. Note 5.
0.9
1.0
1.1
0.9
1.0
1.1
V
PSRR
12
≤ VCC ≤ 25 V. Note 5.
–
70
–
–
70
–
dB
Input Bias Current
VSENSE = 0
–
–2.0
–10
–
–2.0
–10
µA
Delay to Output
TJ = 25°C. Note 4.
–
150
300
–
150
300
ns
Output Section
Output Low Level
ISINK = 20 mA
ISINK = 200 mA
–
–
0.1
1.5
0.4
2.2
–
–
0.1
1.5
0.4
2.2
V
V
Output High Level
ISOURCE = 20 mA
ISOURCE = 200 mA
13
12
13.5
13.5
–
–
13
12
13.5
13.5
–
–
V
V
Rise Time
TJ = 25°C, CL = 1.0 nF. Note 4.
–
50
150
–
50
150
ns
Fall Time
TJ = 25°C, CL = 1.0 nF. Note 4.
–
50
150
–
50
150
ns
Total Standby Current
Startup Current
–
–
0.5
1.0
–
0.5
1.0
mA
Operating Supply Current
VFB = VSENSE = 0 V,
RT = 10 kΩ, CT = 3.3 nF
–
11
17
–
11
17
mA
VCC Zener Voltage
ICC = 25 mA
–
34
–
–
34
–
V
PWM Section
Maximum Duty Cycle
–
46
48
50
46
48
50
%
Minimum Duty Cycle
–
–
–
0
–
–
0
%
4. These parameters, although guaranteed, are not 100% tested in production.
5. Parameters measured at trip point of latch with VFB = 0.
6. Gain defined as: A =
∆VCOMP/∆VSENSE; 0 ≤ VSENSE ≤ 0.8 V.
*Adjust VCC above the start threshold before setting at 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com