Electronic Components Datasheet Search
  English  ▼

X  

SD1127 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SD1127
Description  RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SD1127 Datasheet(HTML) 2 Page - Microsemi Corporation

  SD1127 Datasheet HTML 1Page - Microsemi Corporation SD1127 Datasheet HTML 2Page - Microsemi Corporation SD1127 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0936.PDF 10-15-98
SD1127
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
Bvceo
IC = 10 mA
18
---
---
V
Bvces
IC = 5 mA
36
---
---
V
Bvebo
IE = 1 mA
4.0
---
---
V
Cob
VCB=15V
---
---
0.25
mA
HFE
IC = 50 mA
VCE=5V
5.0
---
---
---
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
Pout
f=175 MHz
VCE=12.5V
4.0
---
---
W
GP
f=175 MHz
VCE=12.5V
10
12
---
dB
Cob
f=1 MHz
VCE=15V
IE= 0 mA
---
---
20
pF
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
175 MHz
4.1- j 5.6
13.5- j 20.0
PIN=0.2W
VCE=12.5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com