Electronic Components Datasheet Search
  English  ▼

X  

SD1146 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SD1146
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SD1146 Datasheet(HTML) 2 Page - Microsemi Corporation

  SD1146 Datasheet HTML 1Page - Microsemi Corporation SD1146 Datasheet HTML 2Page - Microsemi Corporation SD1146 Datasheet HTML 3Page - Microsemi Corporation SD1146 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
RF Products Division
140 Commerce Drive, Montgomeryville PA 18936, (215) 631-9840, Fax: (215) 631-9855
Page 2
Copyright
 2000
MSC1613.PDF 2000-11-26
SD1146
RF & MICROWAVE TRANSISTORS
PRODUCT PREVIEW
R F P R O D UCT S DI VI SI ON
STATIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°°°C)
SD1146
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCES
I
C = 200 mA
V
BE = 0 V
36
V
BVCEO
I
C = 200 mA
16
V
BVEBO
I
E = 4 mA
I
C = 0 mA
4.0
V
ICBO
V
CB =15 V
I
E = 0 mA
2
mA
ICES
V
CE =15 V
I
C = 0 mA
5
mA
hFE
V
CE = 5 V
I
C = .5 A
20
200
DYMANIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°°°C)
SD1146
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 470 MHz
PIN = 2.5 W
VCE = 12.5 V
10
W
ηηηηC
f = 470 MHz
PIN = 2.5 W
VCE = 12.5 V
60
%
GP
f = 470 MHz
PIN = 2.5 W
VCE = 12.5 V
6
dB
COB
f = 1 MHz
VCB = 12.5 V
45
pF
IMPEDANCE DATA
Freq.
ZIN (Ω)
ZCL (Ω)
470 MHz
1.6 + j 2.2
6.0 - j 0.34
POUT = 10.0 W
VCC = 12.5 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com