Electronic Components Datasheet Search
  English  ▼

X  

PE6200 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6200
Description  75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6200 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6200 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6200 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
Configuration
Connector
WR-28
Heat Sink
Aluminum
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
26.5 to 40
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
75
Mechanical Specifications
Size
Length, in [mm]
4 [101.6]
Width/Dia., in [mm]
1.5 [38.1]
Height, in [mm]
0.9 [22.86]
.
Color
Black
Connector
Type
WR-28
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz PE6200
URL: http://www.pasternack.com/75-watts-wr-28-rf-load-26.5-40-ghz-pe6200-p.aspx
PE6200
PE6200 REV 1.0
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz


Similar Part No. - PE6200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6200 PASTERNACK-PE6200 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
More results

Similar Description - PE6200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6818 PASTERNACK-PE6818 Datasheet
208Kb / 2P
40 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6800 PASTERNACK-PE6800_16 Datasheet
779Kb / 3P
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6809 PASTERNACK-PE6809_16 Datasheet
646Kb / 3P
0.5 Watts Low Power Precision WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6818 PASTERNACK-PE6818_16 Datasheet
765Kb / 3P
40 Watts Medium Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1000 PASTERNACK-PEWTR1000 Datasheet
368Kb / 3P
0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE-W28TR1001 PASTERNACK-PE-W28TR1001 Datasheet
397Kb / 3P
5 Watts Instrumentation Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com