Electronic Components Datasheet Search
  English  ▼

X  

STAC6-C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STAC6-C
Description  AC CANopen Advanced Microstep Drive w/ Encoder Input
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STAC6-C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STAC6-C Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC6-C Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC6-C Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC6-C Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC6-C Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC6-C Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC6-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Model Number:
STAC6-C
Part Number:
5000-152
Supply Voltage:
94-135 VAC
Supply Voltage Type:
AC
Control Modes:
CANopen
Output Current:
0.5-6.0 A/phase
Communication Ports:
RS-232
CANopen
Encoder Feedback:
Yes
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-100%
Setup Method:
Software setup
Digital Inputs:
7
Digital Outputs:
3
Analog Inputs:
1 differential or 2 single-ended
Dimensions:
6.35 x 4.66 x 2.31 inches
Weight:
32 oz
Operating Temperature
Range:
0-55 °C
Ambient Temperature
Range:
0-55 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com