Electronic Components Datasheet Search
  English  ▼

X  

STAC6-Q Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STAC6-Q
Description  AC Advanced Microstep Drive w/ Q Programming & Encoder Input
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STAC6-Q Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STAC6-Q Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC6-Q Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC6-Q Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC6-Q Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC6-Q Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC6-Q Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC6-Q Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The STAC6-Q stepper drive is a powerful, two-phase, bipolar step motor drive for high-speed, high-torque
applications. It employs sophisticated current control designed for optimal smoothness over a wide speed range.
Anti-resonance, torque ripple smoothing, and microstepping work together to bring step motor performance to a
new high.
The STAC6-Q operates on single-phase 120 VAC and outputs up to 6.0 A/phase (peak-of-sine) to the step motor.
It features over-voltage, over-temperature, and over-current protection and is complemented by a specially
matched set of low-loss NEMA 23 and NEMA 34 frame step motors.
The STAC6-Q can operate in all of the same control modes as an S drive, plus it has the ability to run stand-alone
Q programs stored in non-volatile memory. Q programs are created using the Q Programmer™ software, which
provides multi-tasking, math functions, conditional processing, data register manipulation, and more features in a
robust yet simple text-based programming language
For connecting to external devices such as limit switches, proximity or photoelectric sensors, PLC I/O, lamps, and
other devices, the STAC6-Q stepper drive comes with 7 digital inputs, 3 digital outputs, and 2 single-ended analog
inputs (analog inputs can be wired together as 1 differential analog input). Additional I/O is available for Q drives
by ordering the STAC6-QE model, which adds 8 digital inputs and 4 digital outputs to the base I/O.
The STAC6-Q stepper drive comes with an RS-232 port for configuration and programming. It also provides an
RS-485 port for streaming serial (SCL) and Q commands over serial networks with up to 32 axes.
Each STAC6 drive comes with an encoder feedback connector for applications that demand a higher level of
position control than ordinary open-loop step motor systems can provide. Use our double-shaft step motors with
incremental encoders and activate either Stall Detection or Stall Prevention in the drive. Stall Detection notifies the
system as soon as the required torque is too great for the motor, which results in a loss of synchronization
between the rotor and stator, also known as stalling. Stall Prevention automatically adjusts motor speed to
maintain synchronization of the rotor to the stator under all conditions. This unique feature allows step motors to
operate in a much broader range of applications than previously possible, such as torque-control. The Stall
Prevention feature also performs static position maintenance, which maintains the position of the motor shaft when
at rest. Additionally, the inclusion of the optional encoder allows the motor to be precisely homed to the index
(marker) pulse.
The STAC6-Q is UL Recognized (File No. E310506), CE approved, and RoHS compliant.
Description



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com