Electronic Components Datasheet Search
  English  ▼

X  

SL04 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SL04
Description  Schottky Rectifier Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL04 Datasheet(HTML) 3 Page - Vishay Siliconix

  SL04 Datasheet HTML 1Page - Vishay Siliconix SL04 Datasheet HTML 2Page - Vishay Siliconix SL04 Datasheet HTML 3Page - Vishay Siliconix SL04 Datasheet HTML 4Page - Vishay Siliconix SL04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL02, SL03, SL04
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 05-Sep-14
3
Document Number: 85687
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Instantaneous Forward Characteristics - SL03
Fig. 6 - Typical Reverse Current Characteristics - SL03
PACKAGE DIMENSIONS in millimeters (inches): DO-219AB (SMF)
0.2
0.4
0.6
0.8
1.0
1
10
0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
Pulse width = 300 µs
1 % duty cycle
17383
0
5
10
15
1
0.1
10
100
1000
10 000
20
25
30
35
Reverse Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
17384
Foot print recommendation:
Rev. 3 - Date: 13. March 2007
Document no.:S8-V-3915.01-001 (4)
1.3 (0.051)
1.3 (0.051)
2.9 (0.114)
2.9 (0.114)
2.7 (0.106)
3.9 (0.154)
3.5 (0.138)
0.85 (0.033)
0.35 (0.014)
1.08 (0.043)
0.88 (0.035)
Created - Date: 15. February 2005
17247
Detail Z
enlarged



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com