Electronic Components Datasheet Search
  English  ▼

X  

SS2P2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS2P2
Description  High Current Density Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P2 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS2P2_15 Datasheet HTML 1Page - Vishay Siliconix SS2P2_15 Datasheet HTML 2Page - Vishay Siliconix SS2P2_15 Datasheet HTML 3Page - Vishay Siliconix SS2P2_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS2P2, SS2P3, SS2P4
www.vishay.com
Vishay General Semiconductor
Revision: 02-Aug-13
1
Document Number: 88910
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Schottky Barrier Rectifier
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1 per J-STD-020, LF maximum
peak of 260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
20 V, 30 V, 40 V
IFSM
50 A
EAS
11.25 mJ
VF
0.50 V
TJ max.
150 °C
Package
DO-220AA (SMP)
Diode variations
Single
DO-220AA (SMP)
eSMP
® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2P2
SS2P3
SS2P4
UNIT
Device marking code
22
23
24
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum average forward rectified current (fig. 1)
IF(AV)
2.0
A
Peak forward surge current 10 ms single
half sine-wave superimposed on rated load
IFSM
50
A
Non-repetitive avalanche energy at IAS = 1.5 A, L = 10 mH, TJ = 25 °C
EAS
11.25
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS2P2_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2P2 VISHAY-SS2P2_15 Datasheet
87Kb / 4P
High Current Density Surface Mount Schottky Barrier Rectifiers
02-Aug-13
More results

Similar Description - SS2P2_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P5L VISHAY-SS1P5L Datasheet
105Kb / 4P
High-Current Density Surface Mount Schottky Barrier Rectifier
26-May-08
SS10P5 VISHAY-SS10P5_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
19-Apr-11
SS12P4C VISHAY-SS12P4C Datasheet
98Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
13-May-11
SS8P2CL VISHAY-SS8P2CL_15 Datasheet
89Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
10-Dec-14
SS12P4C VISHAY-SS12P4C_15 Datasheet
92Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
11-Dec-14
SS10P5 VISHAY-SS10P5_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
24-Apr-2020
SS1P5L VISHAY-SS1P5L_V01 Datasheet
106Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
SS2P2 VISHAY-SS2P2_V01 Datasheet
102Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
SS2PH5 VISHAY-SS2PH5_V01 Datasheet
103Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
SS12P4C VISHAY-SS12P4C_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
24-Apr-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com