Electronic Components Datasheet Search
  English  ▼

X  

SG3731 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG3731
Description  DC MOTOR PULSE WIDTH MODULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3731 Datasheet(HTML) 4 Page - Microsemi Corporation

  SG3731 Datasheet HTML 1Page - Microsemi Corporation SG3731 Datasheet HTML 2Page - Microsemi Corporation SG3731 Datasheet HTML 3Page - Microsemi Corporation SG3731 Datasheet HTML 4Page - Microsemi Corporation SG3731 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SG1731/SG2731/SG3731
4/90 Rev 1.3 9/99
LINFINITY
Microelectronics
Inc.
Copyright
 1999
11861
Western
Avenue
∞
∞
∞
∞
∞
Garden
Grove,
CA
92841
4
(714) 898-8121
∞
∞
∞
∞
∞
FAX: (714) 893-2570
APPLICATION INFORMATION (continued)
APPLICATION CIRCUITS
FIGURE 2 - PULSE WIDTH MODULATION WITH NO DEADBAND
FIGURE 4
FIGURE 3
In this simple battery-powered position servo, the control supply
and driver supply are both single-ended positive with respect to
ground.
A high torque position servo is obtained by buffering the output
drivers to obtain higher output current.
the lower threshold causes Output B to switch to the HIGH state.
If
±V
S is less than±8V then ±VT can be obtained with resistors from
±V
S.
If
±V
S is greater than ±8V use zeners.
Threshold crossings are generated by shifting the triangle
waveform up and down with the error voltage (Pin 5). A positive
error voltage will result in a pulse width modulated output at
Driver A (Pin 13). Similarly, a negative error voltage produces a
pulse train at Driver B (Pin 12). Figure 2 illustrates this process
for the case where V
∆+ is greater than V
T.
It is important to note that the triangle shifting circuit also
attenuates the waveform seen at C
T by a factor of 2. This results
in a waveform at the PWM comparators with a positive peak of
V
∆+ and a negative peak of V∆-, and must be taken into account
when selecting the values for +V
T and -VT.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com