Electronic Components Datasheet Search
  English  ▼

X  

CS5132H Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5132H
Description  Dual Output CPU Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5132H Datasheet(HTML) 1 Page - ON Semiconductor

  CS5132H Datasheet HTML 1Page - ON Semiconductor CS5132H Datasheet HTML 2Page - ON Semiconductor CS5132H Datasheet HTML 3Page - ON Semiconductor CS5132H Datasheet HTML 4Page - ON Semiconductor CS5132H Datasheet HTML 5Page - ON Semiconductor CS5132H Datasheet HTML 6Page - ON Semiconductor CS5132H Datasheet HTML 7Page - ON Semiconductor CS5132H Datasheet HTML 8Page - ON Semiconductor CS5132H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Features
s
Synchronous Switching
Regulator Controller (VCORE)
s
Dual N-Channel MOSFET
Synchronous Buck Design
s
V2
TM Control Topology
s
200ns Transient Loop Response
s
5-Bit DAC with 1% Tolerance
s
Hiccup Mode Overcurrent
Protection
s
65ns adaptive FET Non-Overlap
Time
s
Nonsynchronous Switching
Regulator Controller (VI/O)
s
Single N-Channel MOSFET
buck design
s
Adjustable Output with 2%
Tolerance
s
System Power Management
Pentium® II System VCORE
and VI/O Controlled by
a Single IC
Power-Good Output
Monitors VCORE Switching
Regulator Output
OVP Signal Monitors VCORE
Switching Regulator Output
Package Option
Dual Output CPU Buck Controller
CS5132H
Description
Application Diagram
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
VID2
VID3
VID4
COFF1
COMP1
VOUT1
VFB1
VFFB1
VID1
VID0
PWRGD
OVP
VCC1
GATEL
PGND
GATEH
LGND
VCC2
9
17
18
VFFB2
GATE
19
20
VFB2
COFF2
VOUT2
COMP2
21
22
23
24
24L SO Wide
5V/12V to 2V/16A for Pentium®II VCC(CORE) , 5V/12V to 3.3V/8A for VI/O
Pentium is a registered trademark of Intel Corporation.
V2 is a trademark of Switch Power, Inc.
December, 2001 - Rev. 2
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS5132H is a dual output CPU
power supply controller. It con-
tains a synchronous dual NFET
buck controller utilizing the V2
TM
control method to achieve the
fastest possible transient response
and best overall regulation. The
CS5132H also contains a second
nonsynchronous NFET buck con-
troller. These synchronous and
nonsynchronous buck regulators
are designed to power the core and
I/O logic of the latest high perfor-
mance CPUs. The CS5132H incor-
porates many additional features
required to ensure the proper
operation and protection of the
CPU and power system. The
CS5132H dual output provides the
industry’s most highly integrated
solution, minimizing external com-
ponent count, total solution size,
and cost.
The CS5132H is specifically
designed to power Intel’s
Pentium® II processor and
includes the following features:
5-bit DAC and fixed 1.23V refer-
ence, Power-Good output, hiccup
mode overcurrent protection,
adaptive voltage positioning, and
overvoltage protection.
The CS5132H will operate over an
8.4V to 20V range and is available
in 24 lead surface mount package.
+5V
+12V
+5V
+3.3V (VI/O)
VCC(CORE)
VID0
VID1
VID3
VID2
VID4
GATE
Q3
PCB TRACE
(FreeCurrent
Sensing Element)
6.6m
Ω
L2
3.5
µH
MBRD835L
VOUT2
10V
510
Ω
VFFB2
2K
1%
1.18K
1%
VFB2
COFF2
VCC1 VCC2
LGnd
GATE(H)
Q1
1.2
µH
L1
Q2
GATE(L)
COMP2
PCB TRACE (Free
Current Sensing
Element)
3.3m
Ω
10V
10V
510
Ω
VFFB1
VOUT1
PWRGD
OVP
COMP1
COFF1
PGnd
23
24
1
2
3
12
11
14
20
16
4
5
21
22
6
8
13
19
17
15
C1
C6-C11
C12
C14
C15
C16
C17
C18-C21
C23-C30
R1
R2
R3
R4
VFB1
7
C3-C5
x 4
510
Ω
R5
510
Ω
R6
FS70VSJ-03
0.1
µF
0.1
µF
1200
µF
1200
µF x 6
1200
µF x 8
680pF
0.1
µF
D1
390pF
1
µF
1200
µF x 3
9
18
FS70VSJ-03
FS70VSJ-03
10
10V
10K
100pF
51
Ω
C13
0.1
µF
100
Ω
0.01
µF
10K
R10
C25
R9
R8
R7
C22
+12V
C2
1
µF


Similar Part No. - CS5132H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5132 CHERRY-CS5132 Datasheet
238Kb / 19P
Dual Output CPU Buck Controller
Rev. 11/3/98
logo
ON Semiconductor
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
Dual Output CPU Buck Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5132GDW24 CHERRY-CS5132GDW24 Datasheet
238Kb / 19P
Dual Output CPU Buck Controller
Rev. 11/3/98
logo
ON Semiconductor
CS5132GDW24 ONSEMI-CS5132GDW24 Datasheet
153Kb / 20P
Dual Output CPU Buck Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5132GDWR24 CHERRY-CS5132GDWR24 Datasheet
238Kb / 19P
Dual Output CPU Buck Controller
Rev. 11/3/98
More results

Similar Description - CS5132H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5132 CHERRY-CS5132 Datasheet
238Kb / 19P
Dual Output CPU Buck Controller
Rev. 11/3/98
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
Dual Output CPU Buck Controller
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com