Electronic Components Datasheet Search
  English  ▼

X  

ESD7451 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7451
Description  ESD Protection Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7451 Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7451 Datasheet HTML 1Page - ON Semiconductor ESD7451 Datasheet HTML 2Page - ON Semiconductor ESD7451 Datasheet HTML 3Page - ON Semiconductor ESD7451 Datasheet HTML 4Page - ON Semiconductor ESD7451 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ESD7451, SZESD7451
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
3.3
V
Breakdown Voltage (Note 2)
VBR
IT = 1 mA
6.0
V
Reverse Leakage Current
IR
VRWM = 3.3 V
< 1.0
50
nA
Clamping Voltage (Note 3)
VC
IPP = 1 A
10
V
Clamping Voltage (Note 3)
VC
IPP = 3 A
13
V
ESD Clamping Voltage
VC
Per IEC61000−4−2
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
VR = 0 V, f = 1 GHz
0.25
0.22
0.35
0.35
pF
Dynamic Resistance
RDYN
TLP Pulse
0.55
W
2. Breakdown voltage is tested from pin 1 to 2 and pin 2 to 1.
3. Non−repetitive current pulse at TA = 25°C, per IEC61000−4−5 waveform.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com