Electronic Components Datasheet Search
  English  ▼

X  

ESD7484 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7484
Description  4-Line Ultra-Large Bandwidth ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7484 Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7484 Datasheet HTML 1Page - ON Semiconductor ESD7484 Datasheet HTML 2Page - ON Semiconductor ESD7484 Datasheet HTML 3Page - ON Semiconductor ESD7484 Datasheet HTML 4Page - ON Semiconductor ESD7484 Datasheet HTML 5Page - ON Semiconductor ESD7484 Datasheet HTML 6Page - ON Semiconductor ESD7484 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ESD7484
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VPP
ESD IEC61000−4−2, level 4 – air discharge (external pins)
ESD IEC61000−4−2, level 4 – contact discharge (external pins)
±15
±15
kV
PPP
Peak Pulse Power Dissipation (8/20 ms)
70
W
TJ
Maximum Junction Temperature
125
°C
Tstg
Storage Temperature Range
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (Note 1)
Symbol
Test Condition
Min
Typ
Max
Unit
VBR
Breakdown Voltage (Ir = 1 mA)
6
9
V
IRM
Leakage Current @ Vrm (Vrm = 3 V per line)
3
100
nA
Cline
Vline = 0 V, Vosc = 30 mV, F = 1 MHz, Capacitor between I/O and GND
1.6
1.75
pF
Vline = 0 V, Vosc = 30 mV, F = 1 MHz, Capacitor between I/O
0.8
DCI/O−I/O
Vline = 0 V, Vosc = 30 mV, F = 1 MHz, Capacitance Variation between I/O
0.006
pF
1. All parameters specified at TA = 25°C unless otherwise noted.
2. Standard IEC 61000−4−2 with CDischarge = 150 pF, RDischarge = 330 W.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com