Electronic Components Datasheet Search
  English  ▼

X  

SG723 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG723
Description  PRECISION VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG723 Datasheet(HTML) 2 Page - Microsemi Corporation

  SG723 Datasheet HTML 1Page - Microsemi Corporation SG723 Datasheet HTML 2Page - Microsemi Corporation SG723 Datasheet HTML 3Page - Microsemi Corporation SG723 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SG723
4/90 Rev 1.2 6/97
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
Pulse (50 ms) Input Voltage from V
IN to V- .........................
Continuous Input Voltage from V
IN to V- .............................
Input to Output Voltage Differential ....................................
Maximum Output Current ..............................................
Current from V
Z (J-Package only)...................................
ABSOLUTE MAXIMUM RATINGS (Note 1)
Current from V
REF...............................................................
Operating Junction Temperature
Hermetic (T, J, F, L-Packages).....................................
Storage Temperature Range ...........................
Lead Temperature (Soldering, 10 Seconds) .................
15mA
150
°C
-65
°C to 150°C
300
°C
50V
40V
40V
150mA
25 mA
Note 1. Exceeding these ratings could cause damage to the device.
THERMAL DATA
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 80°C/W
T Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
25°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
130°C/W
F Package:
Thermal Resistance-Junction to Case,
θ
JC ................... 80°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
145°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
120°C/W
Note A. Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
Input Voltage Range .................................
Output Current Range ........................................
Reference Current.............................................................
(V
OUT +4.5V) to 38 V
5mA to 45mA
5mA
Zener Current (J-Package only).........................................
Operating Ambient Temperature Range
SG723 ..........................................................
5mA
-55°C to 125°C
RECOMMENDED OPERATING CONDITIONS (Note 2)
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply for the operating ambient temperature of T
A = 25°C, VIN
= V
C = 12V, V- = 0V, VOUT = 5V, IL =
1 mA, R
SC = 0Ω, C1 = 100pF, and divider impedance as seen by error amplifier ≤ 10KΩ. Low duty cycle pulse testing echniques are used which maintains
junction and case temperatures equeal to the ambient temperature.)
Test Conditions
Parameter
Input Voltage Range
Output Voltage Range
Input to Output Differential
Line Regulation (Note 3)
Load Regulation (Note 3)
Ripple Rejection
Temperature Stability (Note 4)
Short Circuit Current Limit
Reference Voltage
Output Noise Voltage
Standby Current Drain
Long Term Stability
Units
V
V
V
%V
OUT
%V
OUT
%V
OUT
%V
OUT
%V
OUT
dB
dB
%/°C
mA
V
µV
rms
µV
rms
mA
%/Khr
V
IN
= 12V to 15V
T
A = TMIN to TMAX
V
IN
= 12V to 40V
I
L = 1 to 50 mA
T
A = TMIN to TMAX
f = 50 Hz to 10KHz
C
REF = 0
C
REF = 5µF
T
A = TMIN to TMAX
R
SC = 10Ω
BW = 100Hz to 10KHz
C
REF = 0
C
REF = 5µF
I
L = 0, VIN = 30V
Note 4. These parameters, although guaranteed,
are not tested in production.
Note 3. Applies for constant junction temperature. Temperature drift effects must be taken
into account separately when the unit is operating under conditions of high dissipa-
tion.
SG723
Min.
Typ. Max.
40
37
38
0.1
0.3
0.2
0.15
0.6
0.015
7.35
3.5
0.01
0.02
0.03
74
86
0.002
65
7.15
20
2.5
2.3
0.1
9.5
2.0
3.0
6.95



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com