Electronic Components Datasheet Search
  English  ▼

X  

LB11693H Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB11693H
Description  3-Phase Brushless Motor Driver for 24V Fan Motors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693H Datasheet(HTML) 2 Page - ON Semiconductor

  LB11693H Datasheet HTML 1Page - ON Semiconductor LB11693H Datasheet HTML 2Page - ON Semiconductor LB11693H Datasheet HTML 3Page - ON Semiconductor LB11693H Datasheet HTML 4Page - ON Semiconductor LB11693H Datasheet HTML 5Page - ON Semiconductor LB11693H Datasheet HTML 6Page - ON Semiconductor LB11693H Datasheet HTML 7Page - ON Semiconductor LB11693H Datasheet HTML 8Page - ON Semiconductor LB11693H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LB11693H
No.A0287-2/24
Electrical Characteristics at Ta = 25°C, VCC = VM = 24V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain 1
ICC1
10
13.5
mA
Current drain 2
ICC2
When STOP
4.0
5.5
mA
Output Block
Output saturation voltage 1
VOsat1
IO = 0.7A, VO (SINK) + VO (SOURCE)
1.5
2.05
V
Output saturation voltage 2
VOsat2
IO = 1.5A, VO (SINK) + VO (SOURCE)
2.2
2.9
V
Output leakage current
IOleak
100
μA
High side diode forward
voltage 1
VD1
ID = 0.7A
1.25
1.65
V
High side diode forward
voltage 2
VD2
ID = 1.5A
1.9
2.5
V
5V Constant Voltage Output
Output voltage
VREG
IO = -5mA
4.7
5.0
5.3
V
Voltage regulation
ΔVREG1
VCC = 9.5 to 28V
30
100
mV
Load regulation
ΔVREG2
IO = -5 to -20mA
20
100
mV
Hall amplifier
Input bias current
IB(HA)
2
10
μA
Differential input voltage range
VHIN
Sine wave input
50
350
mVp-p
Common-mode input voltage
range
VICM
Differential input 50mVp-p
1.5
VREG-1.0
V
Input offset voltage
VIOH
Design target value
-20
20
mV
CSD Pin
High-level output voltage
VOH(CSD)
2.75
3.0
3.25
V
Low-level output voltage
VOL(CSD)
0.85
1.0
1.15
V
External capacitor charge current
ICSD1
-3.3
-2.4
-1.4
μA
External capacitor charge current
ICSD2
0.09
0.17
0.23
μA
Charge/discharge current ratio
RCSD
Charge current/discharge current
14
Times
Undervoltage Protection Circuit (LVS pin)
Operating voltage
VSDL
3.6
3.8
4.0
V
Release voltage
VSDH
4.1
4.3
4.5
V
Hysteresis
ΔVSD
0.35
0.5
0.65
V
Current Limiter Circuit (RF pin)
Limiter voltage
VRF
VCC-VM
0.45
0.5
0.55
V
Thermal Shutdown Operation
Thermal shutdown operating
voltage
TSD
Design target value (junction temperature)
150
170
°C
Hysteresis
ΔTSD
Design target value (junction temperature)
40
°C
CTL Amplifier
Input offset voltage
VIO(CTL)
-10
10
mV
Input bias current
IB(CTL)
-1
1
μA
Common-mode input voltage
range
VICM
0
VREG-1.7
V
High-level output voltage
VOH(CTL)
ITOC = -0.2mA
VREG-1.2
VREG-0.8
V
Low-level output voltage
VOL(CTL)
ITOC = 0.2mA
0.8
1.05
V
Open-loop gain
G(CTL)
f(CTL) = 1kHz
45
51
dB
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com