Electronic Components Datasheet Search
  English  ▼

X  

SG723L/883B Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG723L/883B
Description  PRECISION VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG723L/883B Datasheet(HTML) 4 Page - Microsemi Corporation

  SG723L/883B Datasheet HTML 1Page - Microsemi Corporation SG723L/883B Datasheet HTML 2Page - Microsemi Corporation SG723L/883B Datasheet HTML 3Page - Microsemi Corporation SG723L/883B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SG723
4/90 Rev 1.2 6/97
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
FIGURE 9 - HIGH CURRENT REGULATOR
EXTERNAL NPN TRANSISTOR I
L = 1.0A
FIGURE 10 - NEGATIVE VOLTAGE REGULATOR
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
14-PIN CERAMIC DIP
J - PACKAGE
SG723J/883B
-55
°C to 125°C
JAN723J
-55
°C to 125°C
SG723J
-55°C to 125°C
10-PIN CERAMIC
FLAT PACK
F - PACKAGE
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
SG723T/883B
-55°C to 125°C
JAN723T
-55°C to 125°C
SG723T
-55°C to 125°C
10-PIN METAL CAN
T - PACKAGE
(Notes 3 & 4)
(Note 3)
Note 3. V
Z output is not available in T, F-packages.
4. Pin 5 is connected to case.
2
3
4
5
1
6
7
14
13
10
12
11
9
8
INVERTING INPUT
V
REF
V-
NON-INVERTING INPUT
V
IN
FREQ. COMPENSATION
V
C
V
OUT
V
Z
N.C.
N.C.
CURRENT LIMIT
CURRENT SENSE
N.C.
3
2
1
4
5
6
7
8
9
10
CURRENT LIMIT
NON-INVERTING
INPUT
V
REF
V
C
V-
V
IN
INVERTING INPUT
JAN723F
-55°C to 125°C
CURRENT LIMIT
V
OUT
9
7
8
6
1
2
3
4
5
10
V
REF
V
C
V
IN
FREQ. COMP.
INVERTING INPUT
CURRENT SENSE
NON-INVERTING INPUT
V-
4
5
6
7
8
18
17
16
15
14
32
1
20 19
1. FREQ. COMP.
2. CURRENT LIMIT
3. CURRENT SENSE
4. N.C.
5. INVERTING INPUT
6. N.C.
7. N. I. INPUT
8. V
REF
9. N.C.
10. V-
11. N.C.
12. V
Z
13. N.C.
14. V
OUT
15. N.C.
16. N.C.
17. N.C.
18. V
C
19. N.C.
20. V
IN
10 11 12 13
9
SG723L/883B
-55
°C to 125°C
SG723L
-55
°C to 125°C
CURRENT SENSE
FREQ. COMPENSATION
V
OUT
APPLICATION INFORMATION (continued)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com