Electronic Components Datasheet Search
  English  ▼

X  

SM5166 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5166
Description  PLL Synthesizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5166 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5166 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SM5166AV
NIPPON PRECISION CIRCUITS—4
DATA, CLK, and LE timing
OPR, CLK, DATA, LE HIGH-level input
voltage
VIH
1.5
–
–
V
FIN LOW-level input current
IIL1
VIL = 0 V
––
60
µA
XIN LOW-level input current
IIL2
––
10
µA
FIN HIGH-level input current
IIH1
VIH = VDD1
––
60
µA
XIN HIGH-level input current
IIH2
––
10
µA
DO, DB LOW-level output current
IOL
Note 4.
1.0
–
–
mA
DO, DB HIGH-level output current
IOH
Note 5.
1.0
–
–
mA
Tristate output high-impedance leakage
current
IOZL
VOL = 0 V
–
–
100
nA
IOZH
VOH = VDD2
–
–
100
nA
DATA
→ CLK setup time
tSU1
See the timing diagrams.
2––
µs
CLK
→ LE setup time
tSU2
2––
µs
Hold time
tH
2––
µs
1. VDD1 = 0.95 to 1.05 V, VDD2 = 2.7 to 3.3 V, fFIN = 90 MHz (300 mVp-p sine wave), fXIN = 14.4 MHz (300 mVp-p sine wave), OPR = HIGH, no output
load
2. VDD1 = 1.00 to 1.05 V, VDD2 = 2.7 to 3.3 V, fFIN = 100 MHz (300 mVp-p sine wave), fXIN = 14.4 MHz (300 mVp-p sine wave), OPR = HIGH, no output
load
3. VDD1 = 0 V, VDD2 = 2.7 to 3.3 V, OPR = LOW, no input/output load (i.e. CLK = DATA = LE = 0 V)
4. DO and DB outputs are derived from the VDD2 supply.VDD2 = 2.7 to 3.3 V, VOL = 0.4 V
5. DO and DB outputs are derived from the VDD2 supply.VDD2 = 2.7 to 3.3 V, VOH = VDD2 − 0.4V
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
VIH
tSU1
tSU2
VIH
VIH
VIH
tH
DATA
CLK
LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com