Electronic Components Datasheet Search
  English  ▼

X  

SMBG5344B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBG5344B
Description  5 Watt Surface Mount Silicon Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBG5344B Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBG5344B Datasheet HTML 1Page - Microsemi Corporation SMBG5344B Datasheet HTML 2Page - Microsemi Corporation SMBG5344B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8700 E. Thomas Road
Scottsdale, AZ 85252
Tel: (480) 941-6300
Fax: (480) 947-1503
SMBG5333B thru SMBG5388B
and
SMBJ5333B thru SMBJ5388B
Features
•
Low profile package for surface mounting (flat handling
surface for accurate placement)
•
Zener Voltage 3.3V to 200V
•
High Surge Current Capability
•
For available tolerances – see note 1
•
Available on Tape and Reel (see EIA std RS-481)
Mechanical Data
•
Standard JEDEC outlines as shown
•
Terminals gull-wing or c-bend (modified J-bend) tin-lead plated
and solderable per MIL-STD-750, method 2026
•
Polarity is indicated by cathode band
•
Maximum temperature for soldering: 260
o
C for 10 seconds.
Maximum Ratings @ 25
oC Unless Otherwise Specified
Forward Voltage at 1.0A
Current
VF
1.2 Volts
Steady State Power
Dissipation
P(AV)
5 Watts
See note 2
Operating and Storage
Temperatures
TJ, TSTG
-65
oC to
+ 150
oC
Thermal Resistance
RθJL
25
oC/W
5 Watt
Surface Mount
Silicon
Zener Diodes
Notes
1.
Mounted on copper pads as shown below.
2.
Lead temperature at 25
oC = T
L at mounting plane. Derate
linearly above 25
oC to zero power at 150 oC
Datasheet# MSC0302A
Date: 06/26/97
Gull Wing
0.150
Modified J-Bend
0.089
0.085
Pad Layout


Similar Part No. - SMBG5344B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBG5344B MCC-SMBG5344B Datasheet
1Mb / 4P
5 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - SMBG5344B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
5 Watt Surface Mount Silicon Zener Diodes
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4762R2 TSC-1SMA4762R2 Datasheet
199Kb / 4P
1.0 Watt Surface Mount Silicon Zener Diodes
logo
Micro Commercial Compon...
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com