Electronic Components Datasheet Search
  English  ▼

X  

SMBG5347B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SMBG5347B
Description  5 Watt Surface Mount Silicon Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBG5347B Datasheet(HTML) 3 Page - Microsemi Corporation

  SMBG5347B Datasheet HTML 1Page - Microsemi Corporation SMBG5347B Datasheet HTML 2Page - Microsemi Corporation SMBG5347B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Note 1
Devices listed have a
± 5% tolerance on nominal V
Z.
The suffix A denotes a
± 20% tolerance, suffix C
denotes
± 2%, and suffix D denotes ± 1%.
Note 2
Nominal Zener Voltage (V Z) is read with the device in
standard test clips with 3/8 to ½ inch spacing between
clip and case of the diode. Before reading, the diode is
allowed so stabilize for a period of 40
± 10 milliseconds
at 25
°C (+8, -2°C).
Note 3
The Zener impedance (Z ZT or ZZK is derived from the 60
HZ ac voltage, which results when an ac current having
a rms value equal to 10% of the dc zener current (I ZT or
IZK) is superimposed on I ZT or IZK respectively. Dynamic
impedance variations with other current values are
described in Micronote 202.
Note 4
The Maximum Reverse (leakage) Current is specified
for devices with
± 20% and ± 10% voltage tolerances
on nominal VZ in another column.
Note 5
The Maximum Zener Current (I ZM) shown is for
± 5%
tolerance devices. I ZM for
± 10% and ± 20% devices
can be calculated using the formula:
IZM =
P
V ZM
Where “VZM” is VZ at the high end of the voltage
tolerance specified and “P” is the rated power of the
device.
Note 6
The Surge Current (I ZM) is specified as the maximum
peak of a nonrecurring sine wave of 8.3 milliseconds
duration.
Note 7
Voltage Regulation (
∆V
Z) is the difference between the
voltage measured at 10% and 50% I ZM).
SMB(G or J)5333B thru SMB(G or J)5333B
1
5344B
5350B
5335B
5338B
5342B
5357B
5365B
5378B
5388B
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com