Electronic Components Datasheet Search
  English  ▼

X  

TCP009A Datasheet(PDF) 5 Page - Microsemi Corporation

Part # TCP009A
Description  DUAL ASYMETRICAL TRANSIENT SUPPRESSOR FOR XDSL AND DATA LINES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCP009A Datasheet(HTML) 5 Page - Microsemi Corporation

  TCP009A Datasheet HTML 1Page - Microsemi Corporation TCP009A Datasheet HTML 2Page - Microsemi Corporation TCP009A Datasheet HTML 3Page - Microsemi Corporation TCP009A Datasheet HTML 4Page - Microsemi Corporation TCP009A Datasheet HTML 5Page - Microsemi Corporation TCP009A Datasheet HTML 6Page - Microsemi Corporation TCP009A Datasheet HTML 7Page - Microsemi Corporation TCP009A Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
Copyright
 2000
MSC
1635.PDF 2000-12-04
TCP009E
TRANSIENT SUPPRESSOR FOR XDSL AND
DATA LINES
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
DESCRIPTION
Transient suppressor TCP009 is dedicated to XDSL, T1, Ethernet, and
data lines protection. Important features - very low breakover voltage
combined with low capacitance. May be used as a triple or a single bi-
directional suppressor – see schematic diagram.
This product provides:
-
low capacitance, allowing high speed signal transmissions with low
losses
-
low dynamic breakover voltage, protecting submicron microelectronic
circuitry
-
Compliance with BELLCORE 1089-GR requirements for intrabuilding
lightning and power fault surges.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
COMPLIES WITH THE FOLLOWING STANDARDS:
CCITT K17 - K20
10/700
µs
1.5 KV
5/310
µs
38 A
VDE 0433
10/700
µs
2
KV
5/310
µs
50 A
VDE 0878
1.2/50
µs
1.5 KV
1/20
µs
40 A
CNET
0.5/700
µs
1.5 KV
0.2/310
µs
38 A
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"
BIDIRECTIONAL TRIPLE
CROWBAR PROTECTION
!"
PEAK PULSE CURRENT:
IPP = 30 A, 10/1000 µs
!"
BREAKDOWN VOLTAGE:
9 V
• AVAILABLE IN SO8
PACKAGES
• LOW DYNAMIC
BREAKOVER VOLTAGE:
15 V @ 2/10
µs
• Low Capacitance: 30 pF
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"
UL94V-0
TCPxx packages comply with requirements of UL94V-0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com