Electronic Components Datasheet Search
  English  ▼

X  

MMDF4207 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MMDF4207
Description  Dual P-Channel Field Effect Transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4207 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MMDF4207 Datasheet HTML 3Page - ON Semiconductor MMDF4207 Datasheet HTML 4Page - ON Semiconductor MMDF4207 Datasheet HTML 5Page - ON Semiconductor MMDF4207 Datasheet HTML 6Page - ON Semiconductor MMDF4207 Datasheet HTML 7Page - ON Semiconductor MMDF4207 Datasheet HTML 8Page - ON Semiconductor MMDF4207 Datasheet HTML 9Page - ON Semiconductor MMDF4207 Datasheet HTML 10Page - ON Semiconductor MMDF4207 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MMDF4207
http://onsemi.com
10
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of
control settings that will give the desired heat pattern. The
operator must set temperatures for several heating zones and
a figure for belt speed. Taken together, these control settings
make up a heating “profile” for that particular circuit board.
On machines controlled by a computer, the computer
remembers these profiles from one operating session to the
next. Figure 16 shows a typical heating profile for use when
soldering a surface mount device to a printed circuit board.
This profile will vary among soldering systems, but it is a
good starting point. Factors that can affect the profile
include the type of soldering system in use, density and types
of components on the board, type of solder used, and the type
of board or substrate material being used. This profile shows
temperature versus time. The line on the graph shows the
actual temperature that might be experienced on the surface
of a test board at or near a central solder joint. The two
profiles are based on a high density and a low density board.
The Vitronics SMD310 convection/infrared reflow
soldering system was used to generate this profile. The type
of solder used was 62/36/2 Tin Lead Silver with a melting
point between 177−189
°C. When this type of furnace is used
for solder reflow work, the circuit boards and solder joints
tend to heat first. The components on the board are then
heated by conduction. The circuit board, because it has a
large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may
be up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP"
STEP 2
VENT
“SOAK"
STEP 3
HEATING
ZONES 2 & 5
“RAMP"
STEP 4
HEATING
ZONES 3 & 6
“SOAK"
STEP 5
HEATING
ZONES 4 & 7
“SPIKE"
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 16. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
DEVICE MARKING
ORDERING INFORMATION
D4207
Device
Reel Size
Tape Width
Quantity
MMDF4207R2
13″
12 mm embossed tape
2500 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com