Electronic Components Datasheet Search
  English  ▼

X  

17PL005.5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 17PL005.5
Description  NEMA 17 Planetary Gearhead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

17PL005.5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  17PL005.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 17PL005.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17PL005.5
Part No. 17PL005.5
1pc.
$594.00
25pc.
$594.00
50pc.
$594.00
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Part Number:
17PL005.5
Frame Size:
NEMA 17
Ratio:
5.5:1
Torque, Nominal:
143 in-lb
Torque, Max Accel:
223 in-lb
Length:
2.62 inches
Weight:
1.0 lbs
Input Speed:
6500 rpm max
Backlash:
6
Low Backlash:
0
Service Life:
>10,000 hours
Efficiency:
90%
Inertia:
1.761E-04 oz-in-sec
Quick Delivery:
No
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/17PL005.5.pdf
3D Drawing:
17PL-1STG.igs
Specifications
2
Downloads



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com