Electronic Components Datasheet Search
  English  ▼

X  

NTS1045MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTS1045MFS
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS1045MFS Datasheet(HTML) 3 Page - ON Semiconductor

  NTS1045MFS Datasheet HTML 1Page - ON Semiconductor NTS1045MFS Datasheet HTML 2Page - ON Semiconductor NTS1045MFS Datasheet HTML 3Page - ON Semiconductor NTS1045MFS Datasheet HTML 4Page - ON Semiconductor NTS1045MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS1045MFS, NRVTS1045MFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.7
0.5
0.9
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.8
0.6
0.5
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
40
30
25
20
15
10
5
0
1.E−06
45
35
30
20
10
5
0
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
1
100
1000
10,000
0.9
35
45
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
15
25
1.E−05
1.E−04
1.E−03
1.E−02
1.E+00
10
50
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
1.E−01
Figure 6. Current Derating
TC, CASE TEMPERATURE (°C)
140
130
170
160
110
100
0
5
10
15
20
120
150
Square Wave
DC
RqJC = 2.1°C/W
TJ = 25°C
0.6
0.8
0.4
0.7
40
TA = 150°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com