Electronic Components Datasheet Search
  English  ▼

X  

PCS3P7303 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCS3P7303
Description  General Purpose Peak EMI Reduction IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P7303 Datasheet(HTML) 2 Page - ON Semiconductor

  PCS3P7303 Datasheet HTML 1Page - ON Semiconductor PCS3P7303 Datasheet HTML 2Page - ON Semiconductor PCS3P7303 Datasheet HTML 3Page - ON Semiconductor PCS3P7303 Datasheet HTML 4Page - ON Semiconductor PCS3P7303 Datasheet HTML 5Page - ON Semiconductor PCS3P7303 Datasheet HTML 6Page - ON Semiconductor PCS3P7303 Datasheet HTML 7Page - ON Semiconductor PCS3P7303 Datasheet HTML 8Page - ON Semiconductor PCS3P7303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PCS3P7303A
Rev. 3 | Page 2 of 10 | www.onsemi.com
XIN / CLKIN
FS
1
2
3
4
5
6
7
8
ModOUT
SSEXTR
VDD
GND
MR
PCS3P7303A
XOUT
Pin Configuration
Pin Description
Pin #
Pin Name
Pin Type
Description
1
XIN / CLKIN
I
Crystal connection or External reference clock input.
2
XOUT
O
Crystal connection. If using an external reference, this pin should be left open.
3
FS
I
Frequency Select. Pull LOW to select Low Frequency range. Selects High Frequency
range when pulled HIGH. Has an internal pull-up resistor. (See Frequency Selection
table for details.)
4
GND
P
Ground.
5
ModOUT
O
Buffered Modulated clock output.
6
MR
I
Modulation Rate Select. When LOW selects Low Modulation Rate.
Selects High Modulation Rate when pulled HIGH. Has an internal pull-down resistor.
7
SSEXTR
I
Analog Deviation Selection through external resistor to GND.
8
VDD
P
2.5V / 3.3V supply Voltage.
Frequency Selection Table
VDD (V)
FS
Frequency (MHz)
2.5
0
10-35
1
30-70
3.3
0
10-40
1
30-80



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com