Electronic Components Datasheet Search
  English  ▼

X  

PE91178 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91178
Description  Low PIM N Female to SMA Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91178 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91178 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91178 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91178 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
SMA Male
Impedance 2
50 Ohms
Adapter Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.2:1
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Frequency 1
Frequency, GHz
DC to 6
Mechanical Specifications
Size
Length, in [mm]
1.2 [30.48]
.
Color
Silver
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, mm
8
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-45 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM N Female to SMA Male Adapter PE91178
PE91178
PE91178 REV 1
Low PIM N Female to SMA Male Adapter


Similar Part No. - PE91178

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE91170 PASTERNACK-PE91170 Datasheet
343Kb / 3P
Maximum VSWR
PE91171 PASTERNACK-PE91171 Datasheet
338Kb / 3P
Maximum VSWR
PE91172 PASTERNACK-PE91172 Datasheet
357Kb / 3P
Low PIM TNC Male to TNC Male Adapter
More results

Similar Description - PE91178

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
172369 AMPHENOL-172369 Datasheet
441Kb / 1P
N MALE TO N MALE ADAPTER, LOW PIM
172370 AMPHENOL-172370 Datasheet
375Kb / 1P
N FEMALE TO N FEMALE ADAPTER, LOW PIM
172372 AMPHENOL-172372 Datasheet
374Kb / 1P
N MALE TO N FEMALE ADAPTER, LOW PIM
242265 AMPHENOL-242265 Datasheet
374Kb / 1P
N FEMALE TO SMA MALE ADAPTER, LOW PIM
242266 AMPHENOL-242266 Datasheet
114Kb / 1P
7/16 FEMALE TO SMA MALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE91036 PASTERNACK-PE91036 Datasheet
260Kb / 3P
Low PIM SMA Female to 7/16 DIN Male Adapter Low VSWR
PE91040 PASTERNACK-PE91040 Datasheet
260Kb / 3P
Low PIM N Male to N Female Adapter Low VSWR
PE91177 PASTERNACK-PE91177 Datasheet
326Kb / 3P
Low PIM N Male to SMA Female Adapter
PE91388 PASTERNACK-PE91388 Datasheet
357Kb / 4P
Low PIM N Male to 4.3-10 Female Adapter
PE91389 PASTERNACK-PE91389 Datasheet
357Kb / 4P
Low PIM 4.3-10 Male to N Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com