Electronic Components Datasheet Search
  English  ▼

X  

PE3C0747 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0747
Description  2.4mm Male to 2.92mm Male Cable Using PE-P086 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0747 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0747 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0747 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0747 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0747 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
2.4mm Male
Connector 2
2.92mm Male
Cable Type
PE-P086
Electrical Specifications
Frequency Range
DC to 40 GHz
Impedance
50 Ohms
Maximum VSWR
1.4:1
Maximum Insertion Loss
1.9 dB/ft [6.23 dB/m]
Velocity of Propagation
70 %
RF Shielding
110 dB
Typical Performance by Frequency
Frequency 1
Frequency
2.5 GHz
VSWR
1.3:1
Insertion Loss
0.5 dB/ft [1.51 dB/m]
Frequency 2
Frequency
5 GHz
VSWR
1.3:1
Insertion Loss
0.7 dB/ft [2.3 dB/m]
Frequency 3
Frequency
10 GHz
VSWR
1.3:1
Insertion Loss
1 dB/ft [3.28 dB/m]
Frequency 4
Frequency
20 GHz
VSWR
1.3:1
Insertion Loss
1.3 dB/ft [4.27 dB/m]
Frequency 5
Frequency
40 GHz
VSWR
1.4:1
Insertion Loss
1.9 dB/ft [6.23 dB/m]
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +200 deg C
Size
Diameter
0.312 in [7.92 mm]
.
Weight
0.039 lbs [17.69 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.92mm Male Cable Using PE-P086 Coax, RoHS PE3C0747
PE3C0747 REV 1
PE3C0747
2.4mm Male to 2.92mm Male Cable Using PE-P086 Coax, RoHS


Similar Part No. - PE3C0747

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0747-100CM PASTERNACK-PE3C0747-100CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0747-12 PASTERNACK-PE3C0747-12 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0747-150CM PASTERNACK-PE3C0747-150CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0747-200CM PASTERNACK-PE3C0747-200CM Datasheet
550Kb / 6P
2.4mm Male to 2.92mm Male Cable 200 cm Length Using PE-P086 Coax
PE3C0747-24 PASTERNACK-PE3C0747-24 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 24 Inch Length Using PE-P086 Coax
More results

Similar Description - PE3C0747

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0751 PASTERNACK-PE3C0751 Datasheet
446Kb / 4P
2.4mm Male to 1.85mm Male Cable Using PE-P086 Coax, RoHS
PE3C0666 PASTERNACK-PE3C0666 Datasheet
449Kb / 4P
2.92mm Male to 2.92mm Male Cable Using PE-P086 Coax, RoHS
PE3C0747-12 PASTERNACK-PE3C0747-12 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0747-24 PASTERNACK-PE3C0747-24 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 24 Inch Length Using PE-P086 Coax
PE3C0747-36 PASTERNACK-PE3C0747-36 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 36 Inch Length Using PE-P086 Coax
PE3C0747-48 PASTERNACK-PE3C0747-48 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 48 Inch Length Using PE-P086 Coax
PE3C0747-50CM PASTERNACK-PE3C0747-50CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 50 cm Length Using PE-P086 Coax
PE3C0747-60 PASTERNACK-PE3C0747-60 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 60 Inch Length Using PE-P086 Coax
PE3C0747-100CM PASTERNACK-PE3C0747-100CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0747-200CM PASTERNACK-PE3C0747-200CM Datasheet
550Kb / 6P
2.4mm Male to 2.92mm Male Cable 200 cm Length Using PE-P086 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com