Electronic Components Datasheet Search
  English  ▼

X  

PE35611 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35611
Description  2.4mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35611 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35611 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35611 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35611 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
2.4mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS
Configuration
Connector 1
2.4mm Male
Connector 2
2.4mm Male
Cable Type
095 Series
Electrical Specifications
Frequency Range, GHz
DC to 50
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,200
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
095 Series
Temperature
Temperature Operating Range, deg C
-48 to +204
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.095 [2.41]
Connector 1
Type
2.4mm Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Noryl
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS PE35611
PE35611 REV
PE35611
2.4mm Male to 2.4mm Male Precision Cable
Using 095 Series Coax, RoHS


Similar Part No. - PE35611

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35611-12 PASTERNACK-PE35611-12 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35611-18 PASTERNACK-PE35611-18 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 18 Inch Length Using 095 Series Coax, RoHS
PE35611-24 PASTERNACK-PE35611-24 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 24 Inch Length Using 095 Series Coax, RoHS
PE35611-30 PASTERNACK-PE35611-30 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 30 Inch Length Using 095 Series Coax, RoHS
PE35611-36 PASTERNACK-PE35611-36 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 36 Inch Length Using 095 Series Coax, RoHS
More results

Similar Description - PE35611

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35611-6 PASTERNACK-PE35611-6 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 6 Inch Length Using 095 Series Coax, RoHS
PE35611-12 PASTERNACK-PE35611-12 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35611-18 PASTERNACK-PE35611-18 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 18 Inch Length Using 095 Series Coax, RoHS
PE35611-24 PASTERNACK-PE35611-24 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 24 Inch Length Using 095 Series Coax, RoHS
PE35611-36 PASTERNACK-PE35611-36 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 36 Inch Length Using 095 Series Coax, RoHS
PE35611-48 PASTERNACK-PE35611-48 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 48 Inch Length Using 095 Series Coax, RoHS
PE35611-60 PASTERNACK-PE35611-60 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 60 Inch Length Using 095 Series Coax, RoHS
PE35611-72 PASTERNACK-PE35611-72 Datasheet
225Kb / 3P
2.4mm Male to 2.4mm Male Precision Cable 72 Inch Length Using 095 Series Coax, RoHS
PE36676 PASTERNACK-PE36676 Datasheet
325Kb / 3P
2.4mm Male to 1.85mm Male Precision Cable Using 095 Series Coax, RoHS
PE35606 PASTERNACK-PE35606 Datasheet
230Kb / 3P
2.92mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com