Electronic Components Datasheet Search
  English  ▼

X  

UC3845AD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # UC3845AD
Description  CURRENT MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UC3845AD Datasheet(HTML) 6 Page - Microsemi Corporation

  UC3845AD Datasheet HTML 1Page - Microsemi Corporation UC3845AD Datasheet HTML 2Page - Microsemi Corporation UC3845AD Datasheet HTML 3Page - Microsemi Corporation UC3845AD Datasheet HTML 4Page - Microsemi Corporation UC3845AD Datasheet HTML 5Page - Microsemi Corporation UC3845AD Datasheet HTML 6Page - Microsemi Corporation UC3845AD Datasheet HTML 7Page - Microsemi Corporation UC3845AD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C URRENT M ODE PWM C ONTROLLER
UC184xA/284xA/384xA
PRODUCT DA T ABOOK 1996/1997
Copyright © 1995
Rev. 1.2
12/95
6
P RODUCTION D ATA S HEET
TYPICAL APPLICATION CIRCUITS
FIGURE 3. — CURRENT SENSE SPIKE SUPPRESSION
FIGURE 4. — MOSFET PARASITIC OSCILLATIONS
6
Q1
V
CC
DC BUS
5
R
S
R
1
UCx84xA
7
UCx84xA
3
5
6
7
R
S
C
Q1
V
CC
DC BUS
I
PK
I
PK(MAX) =
1.0V
R
S
CHANGE
FIGURE 5. — EXTERNAL DUTY CYCLE CLAMP AND MULTI-UNIT SYNCHRONIZATION
A resistor (R
1) in series with the MOSFET gate will reduce overshoot
& ringing caused by the MOSFET input capacitance and any
inductance in series with the gate drive. (Note: It is very important to
have a low inductance ground path to insure correct operation of the
I.C. This can be done by making the ground paths as short and as
wide as possible.)
The RC low pass filter will eliminate the leading edge current spike
caused by parasitics of Power MOSFET.
f = (R
A + 2RB)C
1.44
f = R
A + 2RB
R
B
Precision duty cycle limiting as well as synchronizing several parts is
possible with the above circuitry.
2
6
7
R
B
R
A
5
1
84
3
555
TIMER
4
5
8
To other
UCx84xA devices
0.01
UCx84xA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com