Electronic Components Datasheet Search
  English  ▼

X  

PE44356 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44356
Description  10-32 Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44356 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44356 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44356 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44356 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10-32 Male Right Angle Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
10-32 Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.629 [15.98]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.528 [13.41]
.
Weight, lbs [g]
0.009 [4.08]
Connector
Type
10-32 Male
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Male Right Angle Connector Crimp/Solder Attachment For RG178, RG196 PE44356
PE44356
PE44356 REV 01
10-32 Male Right Angle Connector Crimp/
Solder Attachment For RG178, RG196


Similar Part No. - PE44356

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4435 PASTERNACK-PE4435 Datasheet
108Kb / 1P
N FEMALE CLAMP ATTACHMENT
PE44350 PASTERNACK-PE44350 Datasheet
324Kb / 3P
N Female Connector Clamp/Solder Attachment For PE-C600
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44352 PASTERNACK-PE44352 Datasheet
214Kb / 2P
10-32 Male Connector Crimp/Solder Attachment For RG178, RG196
PE44353 PASTERNACK-PE44353 Datasheet
222Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44356

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44352 PASTERNACK-PE44352 Datasheet
214Kb / 2P
10-32 Male Connector Crimp/Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE44189 PASTERNACK-PE44189 Datasheet
252Kb / 2P
RT SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4296 PASTERNACK-PE4296 Datasheet
289Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4788 PASTERNACK-PE4788 Datasheet
228Kb / 3P
RP SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4643 PASTERNACK-PE4643 Datasheet
291Kb / 3P
BNC Male Connector Crimp - Solder Attachment For RG178, RG196
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44354 PASTERNACK-PE44354 Datasheet
221Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG178, RG196
PE44362 PASTERNACK-PE44362 Datasheet
217Kb / 2P
10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PE44402 PASTERNACK-PE44402 Datasheet
114Kb / 1P
SSMA MALE RIGHT ANGLE, SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com