Electronic Components Datasheet Search
  English  ▼

X  

PE44357 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44357
Description  10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44357 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44357 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44357 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .177 inch D Hole
10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
Configuration
Connector
10-32 Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.63 [16]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
10-32 Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/10-32-female-standard-solder-cup-terminal-connector-pe44357-p.aspx
10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE44357
PE44357 REV


Similar Part No. - PE44357

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4435 PASTERNACK-PE4435 Datasheet
108Kb / 1P
N FEMALE CLAMP ATTACHMENT
PE44350 PASTERNACK-PE44350 Datasheet
324Kb / 3P
N Female Connector Clamp/Solder Attachment For PE-C600
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44352 PASTERNACK-PE44352 Datasheet
214Kb / 2P
10-32 Male Connector Crimp/Solder Attachment For RG178, RG196
PE44353 PASTERNACK-PE44353 Datasheet
222Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44357

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4289 PASTERNACK-PE4289 Datasheet
254Kb / 2P
SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4107 PASTERNACK-PE4107 Datasheet
204Kb / 2P
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4167 PASTERNACK-PE4167 Datasheet
257Kb / 3P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4171 PASTERNACK-PE4171 Datasheet
818Kb / 2P
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4284 PASTERNACK-PE4284 Datasheet
220Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4285 PASTERNACK-PE4285 Datasheet
238Kb / 2P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4288 PASTERNACK-PE4288 Datasheet
233Kb / 2P
SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE44358 PASTERNACK-PE44358 Datasheet
220Kb / 3P
10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com