Electronic Components Datasheet Search
  English  ▼

X  

PE44358 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44358
Description  10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44358 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44358 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44358 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44358 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
Configuration
Connector
10-32 Female
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.625 [15.88]
Width/Dia., in [mm]
0.438 [11.13]
.
Weight, lbs [g]
0.015 [6.8]
Connector
Type
10-32 Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE44358
PE44358
PE44358 REV 01
10-32 Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .295 inch D Hole


Similar Part No. - PE44358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4435 PASTERNACK-PE4435 Datasheet
108Kb / 1P
N FEMALE CLAMP ATTACHMENT
PE44350 PASTERNACK-PE44350 Datasheet
324Kb / 3P
N Female Connector Clamp/Solder Attachment For PE-C600
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44352 PASTERNACK-PE44352 Datasheet
214Kb / 2P
10-32 Male Connector Crimp/Solder Attachment For RG178, RG196
PE44353 PASTERNACK-PE44353 Datasheet
222Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4240 PASTERNACK-PE4240 Datasheet
241Kb / 2P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4172 PASTERNACK-PE4172 Datasheet
284Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D HOLE
PE4290 PASTERNACK-PE4290 Datasheet
205Kb / 2P
75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4291 PASTERNACK-PE4291 Datasheet
205Kb / 2P
75 Ohm SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44357 PASTERNACK-PE44357 Datasheet
240Kb / 2P
10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com