Electronic Components Datasheet Search
  English  ▼

X  

PE44359 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44359
Description  10-32 Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44359 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44359 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44359 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Female Connector Solder Attachment Thru
Hole PCB, .200 inch x .067 inch Hole Spacing
10-32 Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
Configuration
Connector
10-32 Female
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.493 [12.52]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
10-32 Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10-32 Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing from Pasternack Enter-
prises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44359
URL: http://www.pasternack.com/10-32-female-standard-thru-hole-pcb-connector-pe44359-p.aspx
PE44359
PE44359 REV


Similar Part No. - PE44359

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4435 PASTERNACK-PE4435 Datasheet
108Kb / 1P
N FEMALE CLAMP ATTACHMENT
PE44350 PASTERNACK-PE44350 Datasheet
324Kb / 3P
N Female Connector Clamp/Solder Attachment For PE-C600
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44352 PASTERNACK-PE44352 Datasheet
214Kb / 2P
10-32 Male Connector Crimp/Solder Attachment For RG178, RG196
PE44353 PASTERNACK-PE44353 Datasheet
222Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44359

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44198 PASTERNACK-PE44198 Datasheet
251Kb / 3P
RT SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44391 PASTERNACK-PE44391 Datasheet
293Kb / 3P
SSMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44360 PASTERNACK-PE44360 Datasheet
595Kb / 2P
10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44342 PASTERNACK-PE44342 Datasheet
343Kb / 3P
SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44827 PASTERNACK-PE44827 Datasheet
242Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4869 PASTERNACK-PE4869 Datasheet
221Kb / 3P
RP SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117_16 Datasheet
342Kb / 3P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com