Electronic Components Datasheet Search
  English  ▼

X  

PE44362 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44362
Description  10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44362 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44362 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44362 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Female Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
10-32 Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.07 [27.18]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.011 [4.99]
Connector
Type
10-32 Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10-32 Female Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Female Connector Crimp/Solder Attachment For RG178, RG196 PE44362
URL: http://www.pasternack.com/10-32-female-standard-rg178-rg196-connector-pe44362-p.aspx
PE44362
PE44362 REV 01
10-32 Female Connector Crimp/Solder
Attachment For RG178, RG196


Similar Part No. - PE44362

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4436 PASTERNACK-PE4436 Datasheet
107Kb / 1P
N MALE CRIMP ATTACHMENT FOR RG58
PE44360 PASTERNACK-PE44360 Datasheet
595Kb / 2P
10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44363 PASTERNACK-PE44363 Datasheet
306Kb / 2P
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44364 PASTERNACK-PE44364 Datasheet
227Kb / 2P
10-32 Female Connector Clamp - Solder Attachment For RG178, RG196
More results

Similar Description - PE44362

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325 Datasheet
283Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE44352 PASTERNACK-PE44352 Datasheet
214Kb / 2P
10-32 Male Connector Crimp/Solder Attachment For RG178, RG196
PE44366 PASTERNACK-PE44366 Datasheet
315Kb / 3P
10-32 Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .295 inch D Hole
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
PE4799 PASTERNACK-PE4799 Datasheet
219Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE44193 PASTERNACK-PE44193 Datasheet
220Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG178, RG196
PE44354 PASTERNACK-PE44354 Datasheet
221Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG178, RG196
PE44356 PASTERNACK-PE44356 Datasheet
219Kb / 3P
10-32 Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44364 PASTERNACK-PE44364 Datasheet
227Kb / 2P
10-32 Female Connector Clamp - Solder Attachment For RG178, RG196
PE4592 PASTERNACK-PE4592 Datasheet
97Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com