Electronic Components Datasheet Search
  English  ▼

X  

PE45032 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45032
Description  10-32 Male Right Angle Connector Crimp - Solder Attachment for RG316-DS, RG188-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45032 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45032 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45032 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45032 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
10-32 Male
Connector Interface Type
RG316-DS, RG188-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.74 in [18.8 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.53 in [13.46 mm]
.
Weight
0.009 lbs [4.08 g]
Connector
Type
10-32 Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 10-32 Male Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
PE45032
PE45032
PE45032 REV 1.0
10-32 Male Right Angle Connector Crimp/Solder
Attachment for RG316-DS, RG188-DS


Similar Part No. - PE45032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
324Kb / 3P
75 Ohm N Female Connector Solder Attachment
PE45030 PASTERNACK-PE45030 Datasheet
412Kb / 2P
SMA Female Connector Solder Attachment for PE-047SR
PE45035 PASTERNACK-PE45035 Datasheet
358Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup with -4 Clearance Mounting Holes
PE45036 PASTERNACK-PE45036 Datasheet
410Kb / 3P
N Female Connector Clamp - Non-Solder Contact Attachment for 7/8 inch annular
More results

Similar Description - PE45032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4385 PASTERNACK-PE4385 Datasheet
121Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE44818 PASTERNACK-PE44818 Datasheet
289Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45174 PASTERNACK-PE45174 Datasheet
362Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45170 PASTERNACK-PE45170 Datasheet
372Kb / 3P
10-32 Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45171 PASTERNACK-PE45171 Datasheet
385Kb / 3P
10-32 Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45383 PASTERNACK-PE45383 Datasheet
378Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com