Electronic Components Datasheet Search
  English  ▼

X  

PE91068 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91068
Description  Push-On SMP Female to SMP Female Push-On Adapter up to 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91068 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91068 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91068 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91068 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Push-On SMP Female to SMP Female Push-On Adapter up to 8 GHz
Configuration
Connector 1
SMP Female
Impedance 1
50 Ohms
Connector 2
SMP Female
Impedance 2
50 Ohms
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 8
Mechanical Specifications
Size
Length, in [mm]
0.254 [6.45]
Width/Dia., in [mm]
0.135 [3.43]
.
Connector 1
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Connector 2
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Push-On SMP Female to SMP Female Push-On Adapter up to 8 GHz PE91068
PE91068
PE91068 REV
Push-On SMP Female to SMP Female
Push-On Adapter up to 8 GHz


Similar Part No. - PE91068

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE91060 PASTERNACK-PE91060 Datasheet
456Kb / 3P
Precision 2.92mm Female to SMP Female Adapter
PE91061 PASTERNACK-PE91061 Datasheet
460Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
More results

Similar Description - PE91068

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9686 PASTERNACK-PE9686 Datasheet
73Kb / 1P
SMP FEMALE TO SMP FEMALE
PE9776 PASTERNACK-PE9776 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 12.6mm Long Bullet
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
P914 ETC2-P914 Datasheet
84Kb / 1P
SMP MALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
PE91073 PASTERNACK-PE91073 Datasheet
258Kb / 3P
TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
PE91364 PASTERNACK-PE91364 Datasheet
526Kb / 5P
Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com