Electronic Components Datasheet Search
  English  ▼

X  

PE91072 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91072
Description  SMP Female to SMP Female Adapter .370 Special Length
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91072 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91072 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91072 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91072 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMP Female to SMP Female Adapter .370 Special Length
Configuration
Connector 1
SMP Female
Impedance 1
50 Ohms
Connector 2
SMP Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 12
Maximum VSWR
1.15:1
Frequency 1
Frequency, GHz
DC to 8
VSWR
1.1:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.37 [9.4]
Width/Dia., in [mm]
0.13 [3.3]
.
Connector 1
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Connector 2
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female to SMP Female Adapter .370 Special Length PE91072
PE91072
PE91072 REV 1.1
SMP Female to SMP Female Adapter .370 Special Length


Similar Part No. - PE91072

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
BNC MALE TO UHF FEMALE
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE91073 PASTERNACK-PE91073 Datasheet
258Kb / 3P
TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
Precision SMA Female to ZMA Jack Adapter 3 Lug
PE91075 PASTERNACK-PE91075 Datasheet
249Kb / 3P
Precision SMA Female to ZMA Plug Adapter 3 Lug
More results

Similar Description - PE91072

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9775 PASTERNACK-PE9775 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 19.5mm Long Bullet
PE9776 PASTERNACK-PE9776 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 12.6mm Long Bullet
PE9777 PASTERNACK-PE9777 Datasheet
258Kb / 3P
SMP Female to SMP Female Adapter 6.45mm Long Bullet
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91099 PASTERNACK-PE91099 Datasheet
362Kb / 3P
SMP Female to SMP Female Adapter .562 Special Length
PE91101 PASTERNACK-PE91101 Datasheet
491Kb / 3P
SMP Female to SMP Female Adapter .374 Special Length
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com