Electronic Components Datasheet Search
  English  ▼

X  

PE91073 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91073
Description  TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91073 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91073 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91073 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91073 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
Configuration
Connector 1
TNC Female
Impedance 1
50 Ohms
Connector 2
SMP Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 8
Maximum VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
1 [25.4]
Width/Dia., in [mm]
0.5 [12.7]
.
Connector 1
Type
TNC Female
Inner Conductor Material and Plating
Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SMP Male
Inner Conductor Material and Plating
Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent PE91073
PE91073
PE91073 REV 1.0
TNC Female to SMP Male Push-On
Bulkhead Adapter Limited Detent


Similar Part No. - PE91073

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
BNC MALE TO UHF FEMALE
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
Precision SMA Female to ZMA Jack Adapter 3 Lug
PE91075 PASTERNACK-PE91075 Datasheet
249Kb / 3P
Precision SMA Female to ZMA Plug Adapter 3 Lug
More results

Similar Description - PE91073

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91050 PASTERNACK-PE91050 Datasheet
452Kb / 3P
Precision SMA Female to SMP Male Adapter Limited Detent
PE91054 PASTERNACK-PE91054 Datasheet
456Kb / 3P
Precision SMA Female to SMP Male Bulkhead Adapter Full Detent
PE91066 PASTERNACK-PE91066 Datasheet
457Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Limited Detent
PE91305 PASTERNACK-PE91305 Datasheet
325Kb / 3P
SMA Female to SMP Male Full Detent Adapter
PE91306 PASTERNACK-PE91306 Datasheet
325Kb / 3P
SMA Female to SMP Male Limited Detent Adapter
PE91310 PASTERNACK-PE91310 Datasheet
327Kb / 3P
SMA Male to SMP Male Limited Detent Adapter
logo
Amphenol Corporation
ARF2460-ND AMPHENOL-ARF2460-ND Datasheet
232Kb / 1P
POWER-SMP, MALE LIMITED DETENT
logo
Rosenberger Hochfrequen...
19S601-500L5 ROSENBERGER-19S601-500L5 Datasheet
220Kb / 2P
SMP BULKHEAD PLUG LIMITED DETENT
19S105-500L5 ROSENBERGER-19S105-500L5 Datasheet
317Kb / 2P
SMP BULKHEAD PLUG LIMITED DETENT
19S601-271L5 ROSENBERGER-19S601-271L5 Datasheet
222Kb / 2P
SMP BULKHEAD PLUG LIMITED DETENT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com