Electronic Components Datasheet Search
  English  ▼

X  

PE91099 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91099
Description  SMP Female to SMP Female Adapter .562 Special Length
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91099 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91099 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91099 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91099 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMP Female
Impedance 1
50 Ohms
Connector 2
SMP Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 12
Maximum VSWR
1.15:1
Frequency 1
Frequency, GHz
DC to 8
VSWR
1.1:1
Frequency 2
Frequency, GHz
8 to 12
VSWR
1.15:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.562 [14.27]
Width/Dia., in [mm]
0.13 [3.3]
.
Connector 1
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Connector 2
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female to SMP Female Adapter .562 Special Length PE91099
PE91099
PE91099 REV 1.0
SMP Female to SMP Female Adapter .562 Special Length


Similar Part No. - PE91099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE91090 PASTERNACK-PE91090 Datasheet
358Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter
PE91091 PASTERNACK-PE91091 Datasheet
240Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter
PE91092 PASTERNACK-PE91092 Datasheet
202Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Male Adapter
More results

Similar Description - PE91099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9775 PASTERNACK-PE9775 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 19.5mm Long Bullet
PE9776 PASTERNACK-PE9776 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 12.6mm Long Bullet
PE9777 PASTERNACK-PE9777 Datasheet
258Kb / 3P
SMP Female to SMP Female Adapter 6.45mm Long Bullet
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
PE91101 PASTERNACK-PE91101 Datasheet
491Kb / 3P
SMP Female to SMP Female Adapter .374 Special Length
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com