Electronic Components Datasheet Search
  English  ▼

X  

PE91156 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91156
Description  SMA Female to SMA Female Radius Right Angle Adapter Gold Plated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91156 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91156 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91156 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91156 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Radius Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.25:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM B-488
Outer Conductor Material and Plating
Stainless Steel, Gold
Outer Conductor Plating Specification
ASTM B-488
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
ASTM B-488
Dielectric Type
PTFE
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM B-488
Outer Conductor Material and Plating
Stainless Steel, Gold
Outer Conductor Plating Specification
ASTM B-488
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
ASTM B-488
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMA Female Radius Right Angle Adapter Gold Plated PE91156
PE91156
PE91156 REV 1.0
SMA Female to SMA Female Radius Right
Angle Adapter Gold Plated


Similar Part No. - PE91156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9115 PASTERNACK-PE9115 Datasheet
76Kb / 1P
SMC JACK TO SMC JACK
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE91151 PASTERNACK-PE91151 Datasheet
373Kb / 3P
Precision SMA Male to SMA Male Right Angle Adapter Mitered
PE91152 PASTERNACK-PE91152 Datasheet
372Kb / 3P
Precision SMA Male to SMA Female Right Angle Adapter Mitered
PE91153 PASTERNACK-PE91153 Datasheet
368Kb / 3P
Precision SMA Female to SMA Female
More results

Similar Description - PE91156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9274 PASTERNACK-PE9274 Datasheet
248Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9274 PASTERNACK-PE9274 Datasheet
248Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
PE9641 PASTERNACK-PE9641 Datasheet
252Kb / 3P
Precision SMA Male to SMA Female Radius Right Angle Adapter
logo
List of Unclassifed Man...
5095 ETC2-5095 Datasheet
162Kb / 1P
SMA FEMALE TO SMA FEMALE RADIUS RIGHT ANGLE ADAPTER
5490 ETC2-5490 Datasheet
161Kb / 1P
SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
Pasternack Enterprises,...
PE91154 PASTERNACK-PE91154 Datasheet
374Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter Gold Plated
PE91155 PASTERNACK-PE91155 Datasheet
375Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter Gold Plated
PE91325 PASTERNACK-PE91325 Datasheet
345Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com