Electronic Components Datasheet Search
  English  ▼

X  

PE91307 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91307
Description  SMA Female to SMP Male Smooth Bore Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91307 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91307 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91307 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91307 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
Smooth Bore SMP Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 18 GHz
Maximum VSWR
1.2:1
Mechanical Specifications
Size
Length, in [mm]
0.905 [22.99]
Width/Dia., in [mm]
0.354331 [9]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
Smooth Bore SMP Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-45 to +120 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/06/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMP Male Smooth Bore Adapter PE91307
PE91307
PE91307 REV 1.0
SMA Female to SMP Male Smooth Bore Adapter


Similar Part No. - PE91307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9130 PASTERNACK-PE9130 Datasheet
256Kb / 3P
N Male to TNC Male Adapter
PE91300 PASTERNACK-PE91300 Datasheet
324Kb / 3P
SMA Female to Mini SMP Male Smooth Bore Adapter
PE91301 PASTERNACK-PE91301 Datasheet
355Kb / 3P
SMA Female to Mini SMP Female Adapter
PE91302 PASTERNACK-PE91302 Datasheet
330Kb / 3P
SMA Male to Mini SMP Male Full Detent Adapter
PE91303 PASTERNACK-PE91303 Datasheet
329Kb / 3P
SMA Male to Mini SMP Male Smooth Bore Adapter
More results

Similar Description - PE91307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91049 PASTERNACK-PE91049 Datasheet
448Kb / 3P
Precision SMA Female to SMP Male Adapter Smooth Bore
PE91057 PASTERNACK-PE91057 Datasheet
461Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore .450 Mounting Hole Spacing
PE91061 PASTERNACK-PE91061 Datasheet
460Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
PE91125 PASTERNACK-PE91125 Datasheet
377Kb / 3P
2.92mm Male to Mini SMP Male Adapter Smooth Bore
PE91128 PASTERNACK-PE91128 Datasheet
260Kb / 3P
2.92mm Female to Mini SMP Male Adapter Smooth Bore
PE91300 PASTERNACK-PE91300 Datasheet
324Kb / 3P
SMA Female to Mini SMP Male Smooth Bore Adapter
PE91303 PASTERNACK-PE91303 Datasheet
329Kb / 3P
SMA Male to Mini SMP Male Smooth Bore Adapter
PE91304 PASTERNACK-PE91304 Datasheet
362Kb / 3P
SMA Male to Mini SMP Female Adapter
PE91311 PASTERNACK-PE91311 Datasheet
325Kb / 3P
SMA Male to SMP Male Smooth Bore Adapter
PE91312 PASTERNACK-PE91312 Datasheet
326Kb / 3P
SMA Male to SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com