Electronic Components Datasheet Search
  English  ▼

X  

UM2302 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UM2302
Description  PIN DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM2302 Datasheet(HTML) 2 Page - Microsemi Corporation

  UM2302 Datasheet HTML 1Page - Microsemi Corporation UM2302 Datasheet HTML 2Page - Microsemi Corporation UM2302 Datasheet HTML 3Page - Microsemi Corporation UM2302 Datasheet HTML 4Page - Microsemi Corporation UM2302 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSCOXXXA 12-14-98
DSW UM2300 <->(34989)
UM2300
SERIES
0
100 200 300 400 500 600 700 800 900 1000
VR (Volts)
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
TYPICAL IR vs VR
150 oC
125 oC
100 oC
75 oC
50 oC
25 oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Vf [VOLTS]
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
TYPICAL I-V CURVE
150 oC
125 oC
100 oC
75 oC
50 oC
25 oC
.01
.1
1
10
100
If (mA)
.1
1
10
100
1000
TYPICAL RS vs FORWARD BIAS CURRENT
0
10
1
10
2
10
REVERSE VOLTAGE (VOLTS)
3
10
4
10
5
10
6
10
7
10
8
10
9
10
TYPICAL Rp vs REVERSE VOLTAGE
10KHz
20KHz
40KHz
100KHz
200KHz
400KHz
1MHz
2MHz
4MHz
10MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com