Electronic Components Datasheet Search
  English  ▼

X  

UM9552 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UM9552
Description  PIN DIODE ATTENUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM9552 Datasheet(HTML) 1 Page - Microsemi Corporation

  UM9552 Datasheet HTML 1Page - Microsemi Corporation UM9552 Datasheet HTML 2Page - Microsemi Corporation UM9552 Datasheet HTML 3Page - Microsemi Corporation UM9552 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSCO867B 11-30-98
DSW UM9552 <B>(34943)
UM9552
Features
Features
• Low Frequency Attenuator
• HF/LF Band Operation
• Long Lifetime (70 µµs typ.)
• Very Low Distortion (IP3 @ 455 KHz = < 60 dBm)
Description
Electrical Specifications (25°C)
Test
Min.
Typ.
Max.
Units
Conditions
Diode Resistance RS
18.0
Ω
Ω
F = 455 KHz, If = 1 mA
2.0
Ω
Ω
F = 455 KHz, If =10 mA
.25
0.4
Ω
Ω
F = 455 KHz, If = 100 mA
Capacitance CT
15
20
pF
F = 1 MHz, 100 V
Reverse Current IR
10
µµA
VR = 50 V
Carrier Lifetime
ττ
50
70
µµs
If =10 mA / 100 V
IP3
50
60
dBm
Power in = 0 dBm / Tone
F1 = 454 KHz
F2 = 456 KHz
Circuit Drawing #B14433
Thermal Resistance
1.0
°°C / W
25
°°C Stud Temperature
1
10
2
3
4
5
6
7
8
If NEEDED TO OBTAIN AN IM3 OF - 60 dBc (mA)
15
20
25
30
35
40
45
50
55
60
65
70
TYPICAL POWER LEVEL vs FORWARD BIAS CURRENT
500KHz
250KHz
150KHz
TAU = 0.1 ms
f1 = F +/- 1 KHz
f2 = F +/- 1 KHz
580 Pleasant St.
Watertown, MA 02472
PH: (617) 926-0404
FAX: (617) 924-1235
PIN DIODE
ATTENUATOR
The UM9552 is a very long minority carrier
lifetime (70
µµs typical) PIN DIODE that has been
developed for low HF or LF Band Attenuator
Applications. They have been evaluated for attenuator
linearity and distortion characteristics in a Bridge Tee
Attenuator Circuit at 455 KHz (the common intermediate
frequency for AM transmitters and receivers). When the
UM9552’s are used as the two variable resistors in the
Bridged Tee Circuit, the Third Order Intermodulation
Products are below -60 dBc with 0 dBm input power
over an attenuation range of 4 dB to 30 dB.
These thicker, longer lifetime PIN diodes exhibit
a more linear forward biased resistance (RS) vs forward
bias current (If) relationship, which greatly simplifies the
design of the driver circuits that supply the bias
currents over the specified attenuation range. This task
is simplified if the low attenuation range is truncated
and the few dB are compensated by commercially
available, inexpensive 4 to 6 dB gain blocks.


Similar Part No. - UM9552

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
TONE DIALER
UM9559F UMC-UM9559F Datasheet
615Kb / 7P
TONE DIALER
More results

Similar Description - UM9552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
PIN Diode 7 Section Attenuator
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
PIN Diode 5 Section Attenuator
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
PIN Diode ? Quad Attenuator
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
PIN DIODE ATTENUATOR
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
PIN Diode ? Quad Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
HMIC PIN Diode Variable Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
Quad PIN diode attenuator
Rev. 1-7 October 2010
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
Quad PIN diode attenuator
Rev. 2-6 March 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com