Electronic Components Datasheet Search
  English  ▼

X  

LS3C0 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS3C0
Description  Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS3C0 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS3C0_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS3C0_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS3C0_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS3C0_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS3C0
Surface Mount Schottky Rectifier
Reverse Voltage 200V Forward Current 3A
www.goodark.com
1/4
2014.09-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
Ll
k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
Parameter
Symbol
LS3C0
Unit
Maximum repetitive peak reverse voltage
200
Maximum RMS voltage
140
Maximum DC blocking voltage
200
Maximum average forward rectified current
3.0
Peak forward surge current 8.3 ms single half
100
IFSM
A
TJ, TSTG
°C
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
100
Operating junction and storage temperature
- 55 to + 150
El t i l Ch
t i ti
Instantaneous forward voltage
IF=3A, TA=25℃
VF
Volts
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
-
0.87
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
TYP
MAX
Unit
Maximum DC reverse current
at rated DC blocking voltage
IR
50
10
69
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to lead
RθJL1)
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 30.0×30.0mm copper pads
69
20
www.goodark.com
1/4
2014.09-Rev.A


Similar Part No. - LS3C0_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS3C0 GOOD-ARK-LS3C0 Datasheet
399Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - LS3C0_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC10CS GOOD-ARK-SGC10CS_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 10A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
FS36 GOOD-ARK-FS36_15 Datasheet
167Kb / 3P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
FS12CH GOOD-ARK-FS12CH_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 1.2A
LS12 GOOD-ARK-LS12_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
LS36 GOOD-ARK-LS36_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LS36A GOOD-ARK-LS36A Datasheet
205Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL36 GOOD-ARK-LSL36 Datasheet
192Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL3B GOOD-ARK-LSL3B Datasheet
263Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com