Electronic Components Datasheet Search
  English  ▼

X  

CS5661 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5661
Description  High Performance Dual Channel Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5661 Datasheet(HTML) 7 Page - ON Semiconductor

  CS5661 Datasheet HTML 1Page - ON Semiconductor CS5661 Datasheet HTML 2Page - ON Semiconductor CS5661 Datasheet HTML 3Page - ON Semiconductor CS5661 Datasheet HTML 4Page - ON Semiconductor CS5661 Datasheet HTML 5Page - ON Semiconductor CS5661 Datasheet HTML 6Page - ON Semiconductor CS5661 Datasheet HTML 7Page - ON Semiconductor CS5661 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ter capacitor. Ceramic bypass capacitors (0.1µF) connected
directly to VCC and VREF may be required to improve noise
filtering. This provides a low impedance path for filtering
the high frequency noise. All high current loops should be
kept as short as possible using heavy copper runs. The
error amp compensation circuitry and the converter out-
put voltage-divider should be located close to the IC and
as far as possible from the power switch and other noise
generating components.
Operating Description: continued
SYNC
Capacitor CT
Latch 1
“Set” Input
COMP1
Sense1
VOUT1
Latch 1
“Reset” Input
ENABLE2
Latch 2
“Set” Input
COMP2
Sense2
Latch 2
“Reset” Input
VOUT2
0V
Timing Diagram
+
-
+
+
+
+
-
RT
CT
VFB
1
Reference
Regulator
VREF
UVLO
3.4V
8.4V
2.5V
R
R
20k
Ω
VREF
Sync
1mA
2R
1.0V
250
µA
R
2R
Error
Amp 2
COMP1
ENABLE2
VFB
2
COMP2
Gnd
Pwr Gnd
R
1.0V
Current Sense
Comparator 2
Current Sense
Comparator 1
R
S
R
S
R
PWM
Latch 2
PWM
Latch 1
VCC
VIN
VOUT1
VOUT2
Sense1
Q1
Q2
RSense1
Sense2
RSense2
-
+
-
Error
Amp 1
VOUT1
VOUT2
COUT2
COUT1
5.0V
Q
Oscillator
Internal
Bias
CF1 +
L1
D1
L2
D2
+
+
CF2
RFB
1
RFB
2
RFB
3
RFB
4
VOUT
2
VOUT1
Dual Boost Regulator
VCC
UVLO
+
Q
+
-
+
-
+
-
+
-
1mA
Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com