Electronic Components Datasheet Search
  English  ▼

X  

UPS540 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPS540
Description  SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 40 VOLT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS540 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPS540 Datasheet HTML 1Page - Microsemi Corporation UPS540 Datasheet HTML 2Page - Microsemi Corporation UPS540 Datasheet HTML 3Page - Microsemi Corporation UPS540 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
Watertown Division
580 Pleasant Street Watertown, MA 02472 617-926-0404, Fax: 617-924-1235
Page 1
Copyright
 2000
MSC
1634.PDF 2000-12-01
UPS540
SCHOTTKY BARRIER RECTIFIER
0.5 AMP, 40 VOLT
W A T E R T O W N DI V I S I ON
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
In Microsemi’s new Powermite SMT Package, these high efficiency Schottky
rectifiers offer power handling capabilities previously found only in much
larger packages. They are ideal for SMD applications that operate at high
frequencies.
In addition to its size advantages, Powermite package features include a full
metallic bottom that eliminates the possibility of solder flux entrapment during
assembly, and a unique locking tab acts as an integral heat sink. Its
innovative design makes this device ideal for use with automatic insertion
equipment.
SURFACE MOUNT
POWERMITE
 Surface Mount Power Package
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"
Low Profile – Maximum
height of 1.1 mm
!"
Footprint Area of 10 mm
!"
Low VF Provides Higher
Efficiency
!"
Low Thermal Resistance with
Direct Thermal Path of Die on
Exposed Cathode Heat Sink
!"
Supplied in 8mm Tape and
Reel – 3,000 units/7” Reel;
12,000 units/13” Reel
APPLICATI
APPLICATI
APPLICATI
APPLICATIONS/BENEFITS
ONS/BENEFITS
ONS/BENEFITS
ONS/BENEFITS
!"
High power Surface Mount
Package
!"
Guard Ring Protection
!"
Low forward voltage
!"
Integral Heat Sink/Locking
Tabs
!"
Compatible with Automatic
Insertion Equipment
!"
Full Metallic Bottom
Eliminates Flux Entrapment
MECHANICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
• Case: Molded Epoxy
• Meets UL94VO at 1/8 inch
• Device Marking S54
• Lead and Mounting Surface Temperature for Soldering = 260°C Maximum
for 10 Seconds


Similar Part No. - UPS540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
5 A Schottky Barrier Rectifier
More results

Similar Description - UPS540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST4050 MICROSEMI-FST4050 Datasheet
133Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
UPS530 MICROSEMI-UPS530 Datasheet
180Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 30 VOLT
UPS520 MICROSEMI-UPS520 Datasheet
197Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 20 VOLT
logo
TRANSYS Electronics Lim...
SB039C040-0.5-W-AG TEL-SB039C040-0.5-W-AG Datasheet
155Kb / 1P
Schottky cr Barrier Diode Wafer 39 Mils, 40 Volt, 0.5 Amp, 0.36VF.
logo
Micro Commercial Compon...
RB400D MCC-RB400D_06 Datasheet
864Kb / 3P
0.5 Amp Schottky Barrier Rectifier 40 Volts
RB400DS MCC-RB400DS Datasheet
167Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
B0540W MCC-B0540W Datasheet
321Kb / 2P
0.5 Amp Schottky Rectifier 40 Volts
B0540WS MCC-B0540WS Datasheet
400Kb / 4P
0.5 Amp Schottky Rectifier 40 Volts
RB400DS MCC-RB400DS_13 Datasheet
164Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
logo
Central Semiconductor C...
CPD94X-CMLSH05-4 CENTRAL-CPD94X-CMLSH05-4 Datasheet
478Kb / 4P
Schottky Diode Die 0.5 Amp, 40 Volt
R0 19-September 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com