Electronic Components Datasheet Search
  English  ▼

X  

UPS835L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPS835L
Description  SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS835L Datasheet(HTML) 1 Page - Microsemi Corporation

  UPS835L Datasheet HTML 1Page - Microsemi Corporation UPS835L Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1422.PDF 06-07-00
PRELIMINARY
UPS835L
SURFACE MOUNT
POWERMITE
 3 Surface Mount Power Package
Features
• Low Profile – Maximum height of 1.1 mm
• Footprint Area of 16.51 mm
• Low V
F Provides Higher Efficiency
• Supplied in 16mm Tape and Reel – 6000 units/reel
• Low Thermal Resistance with Direct Thermal Path
of Die on Exposed Cathode Heat Sink
Mechanical Characteristics
• Case: Molded Epoxy
• Meets UL94VO at 1/8 inch
• Weight: 72 milligrams (approximate)
• Device Marking UPS835L
• Lead and Mounting Surface Temperature for
Soldering = 260
°°°°C Maximum for 10 Seconds
Maximum Ratings
RATING
(Conditions)
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
VRRM
35
V
Working Peak Reverse Voltage
VRWM
35
V
DC Blocking Voltage
VR
35
V
Average Rectified Forward Current
(@ Rated VR and TC = 100
°°°°C)
IO
8
A
Repetitive Peak Surge Current (Non-Repetitive peak surge current
IFSM
100
A
@ I0 = 8 Amps )
Storage Temperature Range
Tstg , TC
- 55 to 150
°°°°C
Operating Temperature Range
TJ
- 55 to 125
°°°°C
Voltage Rate of Change
(@ Rated VR and TJ = 25
°°°°C )
dv/dt
1000
V/us
Thermal Characteristics
Thermal Resistance, Junction – to -- Case
Rtjtab
3
°°°°C/W
Thermal Resistance, Junction-to-Ambient
Rtja
60
°°°°C/W
SCHOTTKY BARRIER
RECTIFIER
8 AMP 35 VOLT
# 580 Pleasant Street
Watertown, MA 02472
Phone:(617) 926-0404
F A X : (617) 924-1235


Similar Part No. - UPS835L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
488Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
UPS835L MICROSEMI-UPS835L_01 Datasheet
488Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
More results

Similar Description - UPS835L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5829 MCC-1N5829 Datasheet
111Kb / 3P
25 Amp Schottky Barrier Rectifier 20 to 35 Volts
FST19035 MCC-FST19035 Datasheet
132Kb / 3P
200 Amp Rectifier 35 to 50 Volts Schottky Barrier
logo
Microsemi Corporation
UPS530 MICROSEMI-UPS530 Datasheet
180Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 30 VOLT
UPS540 MICROSEMI-UPS540 Datasheet
180Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 40 VOLT
UPS520 MICROSEMI-UPS520 Datasheet
197Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 20 VOLT
UPS835L MICROSEMI-UPS835L_01 Datasheet
488Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT Datasheet
116Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
logo
Microsemi Corporation
1N7037CCU1 MICROSEMI-1N7037CCU1 Datasheet
288Kb / 5P
SILICON DUAL SCHOTTKY POWER RECTIFIER 35 Amp, 100 Volt
logo
Digitron Semiconductors
MBR3520 DIGITRON-MBR3520 Datasheet
108Kb / 2P
35 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
1N7039CCU1 MICROSEMI-1N7039CCU1 Datasheet
485Kb / 5P
Silicon Dual Schottky Power Rectifier 35 Amp, 150 Volt
Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com