Electronic Components Datasheet Search
  English  ▼

X  

23PL050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 23PL050
Description  NEMA 23 Planetary Gearhead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23PL050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  23PL050 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23PL050 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Datasheet
www.Applied-Motion.com
23PL050
NEMA 23 Planetary Gearhead
1pc. - 771.00
50pc. - 771.00
Product Features
True Planetary Design
Low Backlash Design
High Strength Steels
High Shaft Loading Capacity
Sealed Ball Bearings
Heat Treated Gears
High Efficiency Design
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Part Number:
23PL050
Frame Size:
NEMA 23
Ratio:
50:1
Torque, Nominal:
361 in-lb
Torque, Max Accel:
564 in-lb
Length:
3.48 inches
Weight:
2.8 lbs
Input Speed:
6500 rpm max
Backlash:
10
Low Backlash:
0
Service Life:
> 10,000 hours
The 23PL050 planetary gearhead offers true planetary performance in a high torque, low backlash design. High
strength, heated treated gears provide for efficient transmission of torque and accurate speed matching.
Description
Specifications


Similar Part No. - 23PL050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23PL055 ETC2-23PL055 Datasheet
82Kb / 2P
NEMA 23 Planetary Gearhead
More results

Similar Description - 23PL050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23PL005.5 ETC2-23PL005.5 Datasheet
98Kb / 3P
NEMA 23 Planetary Gearhead
23PL005 ETC2-23PL005 Datasheet
84Kb / 2P
NEMA 23 Planetary Gearhead
23PL010 ETC2-23PL010 Datasheet
98Kb / 3P
NEMA 23 Planetary Gearhead
23PL015 ETC2-23PL015 Datasheet
83Kb / 2P
NEMA 23 Planetary Gearhead
23PL028 ETC2-23PL028 Datasheet
99Kb / 3P
NEMA 23 Planetary Gearhead
23PL030 ETC2-23PL030 Datasheet
82Kb / 2P
NEMA 23 Planetary Gearhead
23VL015 ETC2-23VL015 Datasheet
131Kb / 3P
NEMA 23 Planetary Gearhead
23VL025 ETC2-23VL025 Datasheet
131Kb / 3P
NEMA 23 Planetary Gearhead
23VL028 ETC2-23VL028 Datasheet
85Kb / 2P
NEMA 23 Planetary Gearhead
23VL100 ETC2-23VL100 Datasheet
84Kb / 2P
NEMA 23 Planetary Gearhead
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com