Electronic Components Datasheet Search
  English  ▼

X  

23VL028 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 23VL028
Description  NEMA 23 Planetary Gearhead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23VL028 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  23VL028 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23VL028 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23VL028
Part No. 23VL028
1pc.
$575.00
25pc.
50pc.
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Part Number:
23VL028
Frame Size:
NEMA 23
Ratio:
28:1
Torque, Nominal:
225 in-lb
Torque, Max Accel:
284 in-lb
Length:
3.14 inches
Weight:
2.2 lbs
Input Speed:
5000 rpm max
Backlash:
16
Low Backlash:
0
IP Rating:
IP54
Service Life:
> 10,000 hours
Efficiency:
85%
Inertia:
1.113E-03 oz-in-sec
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/23VL028.pdf
3D Drawing:
23VL-2STG.igs
Specifications
2
Downloads



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com