Electronic Components Datasheet Search
  English  ▼

X  

LS37 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # LS37
Description  Surface Mount Schottky Rectifier Reverse Voltage 70~100V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS37 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  LS37 Datasheet HTML 1Page - GOOD-ARK Electronics LS37 Datasheet HTML 2Page - GOOD-ARK Electronics LS37 Datasheet HTML 3Page - GOOD-ARK Electronics LS37 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS37 thru LS3B/SK37AFL thru SK310AFL
Surface Mount Schottky Rectifier
Reverse Voltage 70~100V Forward Current 3A
www.goodark.com
3/4
2014.3-Rev.A
Package Outline Dimensions
in inches (millimeters)
DIM
MINMAX
MINMAX
A
092
108
0 036
0043
Unit: mm
Unit: inch
A
0.92
1.08
0.036
0.043
A1
0
0.1
0.000
0.004
B
1.25
1.45
0.049
0.057
C
0.1
0.25
0.004
0.010
D
2.6
2.8
0.102
0.110
E
4.1
4.3
0.161
0.169
L
0.7
1.1
0.028
0.043
Soldering  footprint
L
0.7
1.1
0.028
0.043
HE
4.8
5.2
0.189
0.205
Packing Information
Packing quantities:
10,000 pcs/Reel,12mm Tape, 13" Reel
Tape & Reel Specification
www.goodark.com
3/4
2014.3-Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com