Electronic Components Datasheet Search
  English  ▼

X  

1A192 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # 1A192
Description  High-Performance LED(Sensors, Signal Transmission)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A192 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button 1A192 Datasheet HTML 2Page - Mitel Networks Corporation 1A192 Datasheet HTML 3Page - Mitel Networks Corporation 1A192 Datasheet HTML 4Page - Mitel Networks Corporation 1A192 Datasheet HTML 5Page - Mitel Networks Corporation 1A192 Datasheet HTML 6Page - Mitel Networks Corporation 1A192 Datasheet HTML 7Page - Mitel Networks Corporation 1A192 Datasheet HTML 8Page - Mitel Networks Corporation 1A192 Datasheet HTML 9Page - Mitel Networks Corporation 1A192 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
105967 1994-09-20
Ø2.3
8.9
1.4
x
4
18
min. 12
12
2.5
7.95
0.006
FIBER
END
Ø2.5
+0
-0.004
MATING FERRULE
*
(not included)
Mechanical Outline of Diode in SC-2A Housing
All Dimensions in mm
* The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Mitel emitters and detectors can be
provided in this low-profile SC pack-
age. The device is electrically isolat-
ed from the SC receptacle to facil-
itate electrical connection. And opti-
mum fiber-coupled power or respon-
sivity is ensured by active alignment
against the fiber..
Absolute Maximum Ratings
Thermal Characteristics
Note 1: Add Rthjc for emitter or detector to estimate the total thermal resistance.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthcc
40
C/W
(Note 1)
Thermal Resistance - No Heat Sink
Rthca
200
C/W
(Note 1)
Thermal Resistance - On PC Board
Rthca
125
C/W
(Note 1)
PARAMETER
SYMBOL
LIMIT
Operating & Storage Temperature
Tstg, Top
-40 to +85 C
SC-2A
Package
Emitter or Detector in SC Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com