Electronic Components Datasheet Search
  English  ▼

X  

LS56 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS56
Description  Surface Mount Schottky Rectifier Reverse Voltage 60~65V Forward Current 5A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS56 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS56 Datasheet HTML 1Page - GOOD-ARK Electronics LS56 Datasheet HTML 2Page - GOOD-ARK Electronics LS56 Datasheet HTML 3Page - GOOD-ARK Electronics LS56 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS56 thru LS565
Surface Mount Schottky Rectifier
Reverse Voltage 60~65V Forward Current 5A
www.goodark.com
1/4
2014.07-Rev.C
Features
• Schottky barrier diodes
• Low forward voltage drop
Ll k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
LS56
LS565
VRRM
V
VRMS
V
VDC
V
IF(AV)
1)
IF(AV)
2)
IFSM
Maximum DC blocking voltage
60
42
60
Maximum average forward rectified current
3.0
Peak forward surge current 8.3 ms single half
150
65
45.5
65
5.0
Maximum repetitive peak reverse voltage
Maximum RMS voltage
A
IFSM
A
TJ, TSTG
°C
Operating junction and storage temperature
range
- 55 to + 150
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
150
Electrical Characteristics (TA= 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
Unit
LS56
LS565
IF=1A, TA=25℃
IF=5A, TA=25℃
IF=5A, TA=125℃
TA=25℃
TA 125℃
Maximum DC reverse
current at rated DC blocking
voltage
IR
0.5
Typ:0.60
20
mA
Instantaneous forward
voltage
Max:0.50
VF
Volts
Max:0.65
Parameter
Test Conditions
Symbol
Unit
LS56
LS565
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA
juntion to case
RθJC
juntion to lead
RθJL
Note1,Mounted on pcb with 8.0×8.0mm copper pads
2,The thermal resistance from junction to ambient,case or lead ,mounted on pcb with 30.0×30.0mm copper pads
220
20
voltage
20
Typical thermal resistance
2)
45
25
℃/W
www.goodark.com
1/4
2014.07-Rev.C


Similar Part No. - LS56

ManufacturerPart #DatasheetDescription
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
GOOD-ARK Electronics
LS565T GOOD-ARK-LS565T Datasheet
195Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 65V Forward Current 5A
logo
Power-One
LS5660-7R POWER-ONE-LS5660-7R Datasheet
599Kb / 27P
100 Watt AC-DC Converters with PFC
More results

Similar Description - LS56

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC051B5S GOOD-ARK-SGC051B5S_15 Datasheet
205Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 150V Forward Current 5A
SGC0550S GOOD-ARK-SGC0550S_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 5A
SGC0320S GOOD-ARK-SGC0320S_15 Datasheet
208Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~65V Forward Current 3A
LS5B0 GOOD-ARK-LS5B0_15 Datasheet
194Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5BH GOOD-ARK-LS5BH_15 Datasheet
218Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS565T GOOD-ARK-LS565T Datasheet
195Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 65V Forward Current 5A
LS54 GOOD-ARK-LS54 Datasheet
228Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
SGC0520S GOOD-ARK-SGC0520S Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 5A
logo
First Silicon Co., Ltd
SS5U100PA FS-SS5U100PA Datasheet
442Kb / 3P
Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com